công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145074 bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC145074
Giải thích chi tiết về linh kiện  Stero Audio Sigma-Delta Digital-to-Analog Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145074 bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC145074 Datasheet HTML 1Page - Motorola, Inc MC145074 Datasheet HTML 2Page - Motorola, Inc MC145074 Datasheet HTML 3Page - Motorola, Inc MC145074 Datasheet HTML 4Page - Motorola, Inc MC145074 Datasheet HTML 5Page - Motorola, Inc MC145074 Datasheet HTML 6Page - Motorola, Inc MC145074 Datasheet HTML 7Page - Motorola, Inc MC145074 Datasheet HTML 8Page - Motorola, Inc MC145074 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC145074
5
MOTOROLA
PIN DESCRIPTIONS
VDD
Positive Device Supply (Pin 1)
VDD is the positive supply, nominally + 5 volts.
STBY
Active–Low Standby Input (Pin 2)
A low level on the STBY pin will force the device into a
standby state. If the device is being operated in the master
mode (MSTR = 1), the WCLK internal divider can be
programmed using the DIR/DILR, and BCLK pins while
the STBY pin is active. When the device is in standby, the
DOL and DOR pins will output a 50% duty cycle data stream
that will generate a 1/2 scale analog output, when averaged
through the output filter.
DIL/WDLY
Left Channel Data/Word Clock Delay Input (Pin 3)
When the DMODE pin is low, this pin is the left channel
(MSB first) 2’s complement serial data input. When the
DMODE pin is high, this pin controls the WCLK delay. A high
level on this pin will delay the WCLK an additional clock cycle
internal to the device.
DIR/DILR
Right Channel Data/Multiplexed Left – Right Data Input
(Pin 4)
When the DMODE pin is low, this pin is the right channel
(MSB first) 2’s complement serial data input. When the
DMODE pin is high, this pin is the multiplexed left then right
channel data input. If the part is being operated in the master
mode (MSTR = 1), the WCLK internal divider can be pro-
grammed by clocking control word data onto this pin with the
BCLK pin while the device is in the standby mode (STBY
= 0).
BCLK
Bit Clock Input (Pin 5)
The BCLK pin provides the serial bit shift clock for the left
and right channel data in all modes of operation. A rising
edge on the BCLK pin shifts serial data into the device.
WCLK
Word Clock Output/Input (Pin 6)
The WCLK pin is used to latch the shifted serial data word
into the device. The MC145074 can accept an external word
clock when in the slave mode, or can use an internally
generated word clock when operating in the master mode.
When DMODE is low, left and right channel data is latched
into the device on the falling edge of WCLK. When DMODE
is high, left channel data is latched on the rising edge of
WCLK and right channel data is latched on the falling edge of
WCLK with both channel inputs being input to the modulator
on the next rising edge of WCLK. The internal divide ratio
used to generate WCLK, as well as the rising or falling edge
latching of the input data can be programmed using the DIR/
DILR and BCLK pins while the device is in the standby mode.
MSTR
Active–High Master Mode Select Input (Pin 7)
A high level on the MSTR pin will select the master mode
of operation. In the master mode, the MC145074 will
generate and output a word clock signal on the WCLK pin. A
low level on the MSTR pin will place the MC145074 in the
slave mode, and the WCLK signal must be provided by an
external source. The default master mode divide rate is
MODCLK/64.
VSS
Device Ground (Pin 8)
VSS is normally connected to ground.
DOR
Right Channel Data Output (Pin 9)
DOR is the right channel modulator data output.
DIV2
Master Clock Divide Control Input (Pin 10)
DIV2 is the Xin divide by two control pin. When cleared, the
Xin pin directly provides the modulator clock (MODCLK), and
the data output bit streams are not chopped. When this pin is
set, the Xin clock is divided by two to provide the modulator
clock and the output data bit stream is chopped at the Xin fre-
quency using an alternating 1,0 chop. The chop is used to
reduce even order distortion for a stand–alone application
without the MC145076. The reconstructed output signal will
drop 6dB due to the chopping.
Xout
Master Clock Output (Pin 11)
Xout is the inverted output signal of Xin and may be used
for a buffered clock output or for a crystal oscillator.
Xin
Master Clock Input (Pin 12)
Xin is the input clock pin for the MC145074, and may be
used with Xout as the inverter for a crystal oscillator.
DMODE
Data Mode Input (Pin 13)
A low level on the DMODE pin will select the dual data pin
mode of operation. In this mode, the serial input data is
entered on the DIR and DIL pins. A high level on the DMODE
pin selects the multiplexed mode of operation. In this mode,
the left and right channel serial input data must be multi-
plexed on the DIR/DILR pin.
RES0 and RES1
Input Data Resolution Pins (Pins 14, 15)
The RES0 and RES1 pins select the length of the serial
data word input to the MC145074. The serial input data can
be 16, 18, or 20–bits in length with the most significant bits
clocked in first. Figure 9 lists the serial interface formats.
DOL
Left Channel Data Output (Pin 16)
DOL is the left channel modulator data output.


Số phần tương tự - MC145074

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Mô tả tương tự - MC145074

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com