công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145073 bảng dữ liệu(PDF) 10 Page - Motorola, Inc |
|
MC145073 bảng dữ liệu(HTML) 10 Page - Motorola, Inc |
10 / 16 page MC145073 MOTOROLA 10 IJUST Serial Interface Data Justification Select Input (Pin 16) A low level on the IJUST pin will cause the serial output data to be left justified relative to the SYNC signal. A high level on the IJUST pin will select right justification of the serial output data. See the Summary of Operating Modes and the Serial Interface Description sections for more information. IDOE Serial Interface Data Output Enable (Pin 15) This pin controls the state of the SDO pin between 16–bit data word transfers. A high level on this pin will force the SDO pin to a low level between serial data words, while a low level on the IDOE pin will force the SDO pin to a high–imped- ance state between data words. See the Summary of Oper- ating Modes and the Serial Interface Description sections for more information. POWER SUPPLY PINS VDD(A) (Pin 4) Positive analog power supply input. The voltage range for this pin is 4.5 to 5.5 V with respect to VSS(A). The absolute value of the difference between VDD(A) and VDD(D) must not exceed 0.5 V. For proper device operation, this pin should be decoupled to VSS(A) with a 1.0 µF or larger capacitor. VSS(A) (Pin 5) Negative analog power supply input. This pin should be connected to ground for normal device operation. VDD(D) (Pin 8) Positive digital power supply input. The voltage range for this pin is 4.5 to 5.5 V with respect to VSS(D). The absolute value of the difference between VDD(A) and VDD(D) must not exceed 0.5 V. For proper device operation, this pin should be decoupled to VSS(D) with a 1.0 µF or larger capacitor. VSS(D) (Pin 7) Negative digital power supply input. This pin should be connected to ground for normal device operation. SUB (Pin 6) Substrate connection. This pin should be connected to VSS(A) for normal device operation. FUNCTIONAL DESCRIPTION The MC145073 is a 16–bit stereo audio A/D converter in- tended for use in digital audio systems. The MC145073 uses a sigma–delta architecture consisting of a second order ana- log modulator followed by two stages of digital filtering for each channel. The analog modulator samples the input sig- nal at a very high rate (128x the output data rate), performs a single bit quantization, and shapes the quantization noise to- wards out–of–band frequencies. The digital filters of the MC145073 reject most of the shaped quantization noise, and lower the serial data output rate. The digital filtering is imple- mented with a 5th order, decimate–by–32 comb filter followed by a 121 tap, decimate–by–4, FIR filter on each channel. In addition to rejecting quantization noise, the FIR filter cancels the curvature in the response of the preceding comb filter. The comb and FIR filters also provide anti–alias filtering of out–of–band signals present at the input to the device. The analog inputs to the MC145073 can be fully differential (both inputs dynamic and 180 degrees out of phase), or single–en- ded (positive inputs dynamic while negative inputs are static at a level in the middle of the supply range). Analog input sig- nals that exceed the differential analog input voltage range of 3.8 V p–p are clipped in order to prevent overflow of the digi- tal filters. The MC145073 operates from a single 5 V power supply. For portable or other low power applications, a pow- er–down mode is available. The operation of the MC145073 can be tailored to specific applications by proper selection of the states of seven mode select pins. These mode pins control the divide ratio of the master clock, the FIR filter response, and the serial interface format. The master clock input can be divided by either 1, 2, or 3 to yield the input sampling rate. This means that the in- put clock frequency is either 128x, 256x, or 512x the serial output data rate. NOTE The oversampling ratio (OSR), which is the ratio of input sampling frequency to output data rate, is 128x in all three cases. Two sets of FIR filter coefficients are stored in the on– board ROM of the MC145073. One set provides a transition band from 20 kHz to 25.8 kHz for operation at the 48 kHz out- put data rate. The other set of FIR filter coefficients provides a transition band from 20 kHz to 25 kHz for use with the 44.1 kHz output data rate. Four mode select pins configure the serial interface. This yields sixteen possible serial interface operating modes. Included are modes that provide for interfacing directly to Motorola and TI general purpose DSPs, multiplexing of two MC145073s, as well as formats similar to the CS5326 inter- face. |
Số phần tương tự - MC145073 |
|
Mô tả tương tự - MC145073 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |