công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145073 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC145073
Giải thích chi tiết về linh kiện  Dual 16-Bit Stereo Audio Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145073 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC145073 Datasheet HTML 5Page - Motorola, Inc MC145073 Datasheet HTML 6Page - Motorola, Inc MC145073 Datasheet HTML 7Page - Motorola, Inc MC145073 Datasheet HTML 8Page - Motorola, Inc MC145073 Datasheet HTML 9Page - Motorola, Inc MC145073 Datasheet HTML 10Page - Motorola, Inc MC145073 Datasheet HTML 11Page - Motorola, Inc MC145073 Datasheet HTML 12Page - Motorola, Inc MC145073 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MOTOROLA
MC145073
9
PIN DESCRIPTIONS
ANALOG PINS
AIN(+L), AIN(–L)
Left Channel Analog Inputs (Pins 1, 2)
These two pins comprise the left channel analog differ-
ential inputs. The voltage range of signals applied to these
pins is from VSS(A) to VDD(A). A positive full–scale input
to the A/D is defined as a difference of 3.8 V p–p between
AIN(+L) and AIN(–L).
AIN(+R), AIN(–R)
Right Channel Analog Inputs (Pins 24, 23)
These two pins comprise the right channel analog differ-
ential inputs. The voltage range of signals applied to these
pins is from VSS(A) to VDD(A). A positive full–scale input
to the A/D is defined as a difference of 3.8 V p–p between
AIN(+R) and AIN(–R).
REF
Output of the Internal Voltage Reference (Pin 3)
The nominal value of this internal voltage reference is 2 V.
The output of the reference is brought out to this pin to facili-
tate filtering. For proper device operation, this pin should be
decoupled to V SS(A) with a 1.0 µF electrolytic
capacitor in parallel with a 0.1
µF ceramic capacitor. In order
to economize on filtering capacitors, the REF pin can be
connected to VAG. However, this could result in a possible
degradation of performance of the device at high signal
levels.
VAG
Output of the Internal Analog Ground Generator
(Pin 22)
Analog ground is used to bias the internal analog circuits
and is nominally 2 V. VAG is brought out to this pin to facilitate
filtering. This pin should be decoupled to VSS(A) with a 1.0 µF
electrolytic capacitor in parallel with a 0.1
µF ceramic capaci-
tor for normal device operation.
DIGITAL PINS
CLK
Master Clock Input (Pin14)
This pin is the master clock input for the device. Analog
input signals to the MC145073 are sampled at a rate equal to
this clock frequency divided by 1, 2, or 3, depending on the
state of clock mode pins CSEL1,0. The serial data output
rate is equal to the input sample rate divided by 128.
For example, if CLK is running at a 12.288 MHz rate, and
divide by 2 is selected, then the output data rate is
(12.288 MHz/2)/128 = 48 kHz. For more detail, see the Sum-
mary of Operating Modes section.
SYNC
Serial Interface Frame Sync Input/Output (Pin 11)
The SYNC pin is an input or output depending on the state
of the ISLAV pin. The SYNC signal resets and synchronizes
the serial interface transmitter and receivers, as well as most
internal clocks. Left channel serial output data is transmitted
when the SYNC signal is active high, and right channel data
is transmitted when the SYNC signal is low. See the Serial
Interface Description section for more information.
SCLK
Serial Interface Clock Input/Output (Pin 12)
The SCLK pin is an input or output depending on the state
of the ISLAV pin. Serial output data is clocked out of the
MC145073 on the rising edge of SCLK. When SCLK is an
input, it is reclocked by the internal sample rate clock, CLKI,
before being used by the MC145073 to clock out the serial
data. This reclocking ensures that rapid current changes
through the SDO pin do not affect the analog performance of
the device. See the Serial Interface Description section for
more information.
SDO
Serial Interface Data Output (Pin 13)
The A/D conversion results for the left and right channels
are output on this pin. Data is shifted out of the MC145073
MSB first, with the left channel data preceding the right chan-
nel data. The serial output data is clocked out on the rising
edge of SCLK. See the Serial Interface Description section
for more information.
FTP
Factory Test Mode Inputs (Pins 9, 10)
These pins should be connected to VSS(A) for normal
device operation.
CSEL0, CSEL1
Clock Divide Mode Select Inputs (Pins 21, 20)
The device master clock input is divided by 1, 2, or 3, or
the device is placed in a power–down mode depending on
the state of these pins. See the Summary of Operating
Modes section for more information.
FSEL
FIR Filter Response Select Input (Pin 19)
A low level on the FSEL input selects a FIR filter transition
band from 20 to 25.8 kHz at the 48 kHz output data rate. A
high level on the FSEL pin selects a filter transition band from
20 to 24 kHz at the 44.1 kHz output data rate. See the Sum-
mary of Operating Modes section for more information.
ISYNC
Serial Interface Sync Format Select Input (Pin 18)
A low level input on the ISYNC pin selects a SYNC rising
edge one SCLK cycle before the initiation of a serial data
transfer. A high level on the ISYNC pin will select a SYNC
rising edge that is coincident with the initiation of a serial data
transfer. See the Summary of Operating Modes and the
Serial Interface Description sections for more information.
ISLAV
Serial Interface Slave Mode Select Input (Pin 17)
This pin controls the direction of the serial interface SYNC
and SCLK signals. A low level on the ISLAV pin will configure
the SYNC and SCLK pins as outputs, while a high level on
the ISLAV pin will configure the SYNC and SCLK pins as in-
puts. See the Summary of Operating Modes and the Serial
Interface Description sections for more information.


Số phần tương tự - MC145073

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145074D MOTOROLA-MC145074D Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Mô tả tương tự - MC145073

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com