công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145073 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC145073
Giải thích chi tiết về linh kiện  Dual 16-Bit Stereo Audio Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145073 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC145073 Datasheet HTML 3Page - Motorola, Inc MC145073 Datasheet HTML 4Page - Motorola, Inc MC145073 Datasheet HTML 5Page - Motorola, Inc MC145073 Datasheet HTML 6Page - Motorola, Inc MC145073 Datasheet HTML 7Page - Motorola, Inc MC145073 Datasheet HTML 8Page - Motorola, Inc MC145073 Datasheet HTML 9Page - Motorola, Inc MC145073 Datasheet HTML 10Page - Motorola, Inc MC145073 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MOTOROLA
MC145073
7
AC ELECTRICAL SPECIFICATIONS
(Full temperature and voltage ranges per Operation Ranges table. All timing parameters measured with respect to 30% and 70% of VDD(D)
unless otherwise noted.)
Figure
Symbol
Parameter
Divide
Ratio
Min
Max
Unit
6
1/tclk
Master Clock (CLK) Frequency (Note 1)
3.072
18.432
MHz
6
1/tclki
Internal Clock Frequency, CLKI (Note 1)
tclki = 1/(fclk/Divide Ratio)
3.072
6.144
MHz
6
twch
Master Clock High, CLK
1
2, 3
38
20
ns
6
twcl
Master Clock Low, CLK
1
2, 3
38
20
ns
7
tsync
Sync Period (Master and Slave Modes)
128 * tclki
128 * tclki
ns
7
twsh
Sync High (Slave Mode)
20
126 * tclki
ns
Cin
Input Capacitance
(Except for Left/Right Channel Inputs)
20
pF
Master Mode: ISLAV = 0
8
tsclk
SCLK Period
2 * tclki
2 * tclki
ns
8
twl/twh
SCLK Duty Cycle
0.667
1.50
8
tCSY
Propagation Delay (Note 2)
CLK Falling Edge to SYNC
CLK Rising Edge to SYNC
CLK Falling Edge to SYNC
1
2
3
40
tclk + 40
2 * tclk + 40
ns
ns
ns
8
tCSC
Propagation Delay (Note 2)
CLK Falling Edge to SCLK
CLK Rising Edge to SCLK
CLK Falling Edge to SCLK
1
2
3
40
tclk + 40
2 * tclk + 40
ns
ns
ns
8
tCDV
Propagation Delay (Note 2)
CLK Falling Edge to Serial Data Valid, SDO
CLK Rising Edge to Serial Data Valid, SDO
CLK Falling Edge to Serial Data Valid, SDO
1
2
3
40
tclk + 40
2 * tclk + 40
ns
ns
ns
Slave Mode: ISLAV = 1
9
tsu
Setup Time (Note 3)
SCLK to Rising Edge of CLK
15
ns
9
th
Hold Time (Note 3)
SCLK to Rising Edge of CLK
0
ns
9
tsclkh
SCLK High
20
ns
9
tsclkl
SCLK Low
20
ns
9
tsu
Setup Time (Note 3)
SYNC to Rising Edge of CLK
15
ns
9
th
Hold Time (Note 3)
SYNC to Rising Edge of CLK
0
ns
tCDV
Propagation Delay
Clk Rising Edge to Serial Data Valid, SDO
1
2
3
twch
tclk
tclk + twch
twch + 40
2 * tclk + 40
3 * tclk + twch + 40
NOTES:
1. The internal clock frequency, or input sampling frequency (CLKI) is governed by the divide mode and output data rate.
The divide mode can be either 1, 2, or 3. The output data rate ranges from 24 kHz to 48 kHz.
The minimum clock frequency of 3.072 MHz corresponds to an output data rate of 24 kHz with the device in the clock divide by one mode.
The maximum clock frequency of 18.432 MHz corresponds to an output data rate of 48 kHz with the device in the clock divide by three mode.
2. Propagation delay is measured with a capacitive load of 50 pF.
3. In the slave mode, SYNC or SCLK transitions can occur anywhere except 0 to – 5 ns relative to the CLK rising edge.


Số phần tương tự - MC145073

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145074D MOTOROLA-MC145074D Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Mô tả tương tự - MC145073

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com