công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145073 bảng dữ liệu(PDF) 3 Page - Motorola, Inc |
|
MC145073 bảng dữ liệu(HTML) 3 Page - Motorola, Inc |
3 / 16 page MOTOROLA MC145073 3 ANALOG SPECIFICATIONS (Full Temperature, CLK = 6.144 MHz in div1, VDD(A) = VDD(D) = 5.0 V, 1007.8 Hz Full–Scale Input Sinewave, 1.4 V p–p @ AIN(L) and AIN(R), Common Mode Input Voltage = 2.5 V. Measured bandwidth is 23 Hz to 24 kHz, inputs driven differentially per Figure 1.) Parameter Min Typ Max Unit Resolution Bits 16 Bits S/(N+D) 76 82 dB Dynamic Range 85 dB Total Harmonic Distortion (Vin = ± F.S.) .003 % Gain Error ± 5 % Gain Drift 50 ppm/ °C Channel to Channel Isolation 90 dB PSRR (VDD(A)) 60 dB PSRR (VDD(D)) 100 dB Input Impedance 40 k Ω Warm–Up Time (for Reference and Bias Circuits) 1 ms DIGITAL FILTER CHARACTERIZATION (Over full operating ranges per Operating Ranges table. Stated values are for input/output relationships from input of comb filter to output of FIR filter.) P Output Data Rate Ui N Parameter 32 kHz 44.1 kHz 48 kHz Unit Notes FSEL = low FIR Filter Passband 0 to 13.3 0 to 18.3 0 to 20 kHz Maximum Passband Ripple ± 0.1 ± 0.1 ± 0.1 dB FIR Filter Transition Band 13.3 to 17 18.3 to 23.5 20 to 25.8 kHz FIR Filter Rejection (Min) – 84 – 84 – 84 dB Maximum Alias Level (Figure 3) – 86 – 86 – 86 dB 1, 2 Group Delay 33 33 33 Out CLKS 3 Setting Time 49 49 49 Out CLKS 3 FSEL = high FIR Filter Passband 0 to 14.5 0 to 20 0 to 21.7 kHz Maximum Passband Ripple ± 0.1 ± 0.1 ± 0.1 dB FIR Filter Transition Band 14.5 to 18.2 20 to 25.0 21.7 to 27.3 kHz FIR Filter Rejection (Min) – 84 – 84 – 84 dB Maximum Alias Level (Figure 3) – 86 – 86 – 86 dB 1, 2 Group Delay 33 33 33 Out CLKS 3 Setting Time 49 49 49 Out CLKS 3 NOTES: 1. There is no rejection of input signals that are multiples of the sampling frequency (nxCLKI ± Filter Bandwidth, where n = 0, 1, 2, ...). 2. The maximum alias level spec does not apply to input signals in the range of 24 to 25.8 kHz in the 48 kHz output mode, 22.05 to 23.675 kHz in the 44.1 kHz output mode, or 16 to 17.2 kHz in the 32 kHz output mode. 3. One Out CLK (output clock) is equal in length to 128 internal CLKs or one SYNC clock period. |
Số phần tương tự - MC145073 |
|
Mô tả tương tự - MC145073 |