công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145050 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC145050
Giải thích chi tiết về linh kiện  10-Bit A/D Converter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145050 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC145050 Datasheet HTML 1Page - Motorola, Inc MC145050 Datasheet HTML 2Page - Motorola, Inc MC145050 Datasheet HTML 3Page - Motorola, Inc MC145050 Datasheet HTML 4Page - Motorola, Inc MC145050 Datasheet HTML 5Page - Motorola, Inc MC145050 Datasheet HTML 6Page - Motorola, Inc MC145050 Datasheet HTML 7Page - Motorola, Inc MC145050 Datasheet HTML 8Page - Motorola, Inc MC145050 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC145050 MC145051
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS DEVICE DATA
2
BLOCK DIAGRAM
SUCCESSIVE APPROXIMATION
REGISTER
1
2
3
4
5
6
7
8
9
11
12
17
16
19
15
18
19
10-BIT RC DAC
WITH SAMPLE AND HOLD
DATA REGISTER
14
13
VAG
Vref
AUTO-ZEROED
COMPARATOR
MUX ADDRESS
REGISTER
DIGITAL CONTROL
LOGIC
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN8
AN9
AN10
AN11
AN12
AN13
CS
Din
Dout
SCLK
EOC (MC145051 ONLY)
ADCLK (MC145050 ONLY)
MUX OUT
PIN 20 = VDD
PIN 10 = VSS
ANALOG
MUX
INTERNAL
TEST
VOLTAGES
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage (Referenced to VSS)
– 0.5 to + 6.0
V
Vref
DC Reference Voltage
VAG to VDD + 0.1
V
VAG
Analog Ground
VSS – 0.1 to Vref
V
Vin
DC Input Voltage, Any Analog or Digital
Input
VSS – 0.5 to
VDD + 0.5
V
Vout
DC Output Voltage
VSS – 0.5 to
VDD + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
IDD, ISS DC Supply Current, VDD and VSS Pins
± 50
mA
Tstg
Storage Temperature
– 65 to 150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the Operation Ranges below..
OPERATION RANGES (Applicable to Guaranteed Limits)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage, Referenced to VSS
4.5 to 5.5
V
Vref
DC Reference Voltage
VAG + 4.0 to VDD + 0.1
V
VAG
Analog Ground
VSS – 0.1 to Vref – 4.0
V
VAI
Analog Input Voltage (See Note)
VAG to Vref
V
Vin, Vout Digital Input Voltage, Output Voltage
VSS to VDD
V
TA
Ambient Operating Temperature
– 40 to 125
°C
NOTE: Analog input voltages greater than Vref convert to full scale. Input voltages less than VAG convert to zero. See Vref and VAG pin
descriptions.
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications
of any voltage higher than maximum rated
voltages to this high-impedance circuit. For
proper operation, Vin and Vout should be
constrained to the range VSS ≤ (Vin or Vout) ≤
VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either
VSS or VDD). Unused outputs must be left
open.


Số phần tương tự - MC145050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145050DW LANSDALE-MC145050DW Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
MC145050DW LANSDALE-MC145050DW Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
MC145050P LANSDALE-MC145050P Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
MC145050P LANSDALE-MC145050P Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
More results

Mô tả tương tự - MC145050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950 TI-UCC5950 Datasheet
206Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
logo
Microchip Technology
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com