công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC144112 bảng dữ liệu(PDF) 2 Page - Motorola, Inc |
|
MC144112 bảng dữ liệu(HTML) 2 Page - Motorola, Inc |
2 / 6 page MC144112 MOTOROLA 2 MAXIMUM RATINGS* (Voltages referenced to VSS) Parameter Symbol Value Unit DC Supply Voltage VDD – 0.5 to + 5.5 V Input Voltage, All Inputs Vin – 0.5 to VDD + 0.5 V DC Input Current, per Pin I ± 10 mA Power Dissipation (Per Output) TA = 70°C TA = 85°C POH 50 20 mW Power Dissipation (Per Package) TA = 70°C TA = 85°C PD 150 50 mW Storage Temperature Range Tstg – 65 to + 150 °C * Maximum Ratings are those values beyond which damage to the device may occur. ELECTRICAL CHARACTERISTICS (Voltages referenced to VSS, VDD = 2.7 to 5.5 V, TA = – 40 to 85°C unless otherwise indicated) Symbol Parameter Test Conditions VDD Min Max Unit VIH High–Level Input Voltage (Din, ENB, CLK) 2.7 4.5 5.5 2.03 3.15 3.85 — — — V VIL Low–Level Input Voltage (Din, ENB, CLK) 2.7 4.5 5.5 — — — 0.67 1.35 1.65 V IOH High–Level Output Current (Dout) Vout = VDD – 0.5 V 2.7 4.5 0.3 1.1 — — mA IOL Low–Level Output Current (Dout) Vout = 0.5 V 2.7 4.5 1.0 1.8 — — mA ISS Quiescent Supply Current (per Package) Iout = 0 µA, All DAC Outputs = Zero 2.7 4.5 5.5 — — — 1.25 2.10 2.50 mA Iout = 0 µA, All DAC Outputs = Full Scale 5.5 — 30 µA Iin Input Leakage Current (Din, ENB, CLK) Vin = VDD or 0 V 5.5 — 1 µA Vnonl Integral Nonlinearity (Rn Out) See Figure 1 — – 1 1/4 1/4 LSB Vstep Differential Nonlinearity (Rn Out) See Figure 2 — – 3/4 3/4 LSB Voffset Offset from VSS Din = $00, See Figure 1 — 1/4 1 3/4 LSB SWITCHING CHARACTERISTICS (VDD = 2.7 to 5.5 V, Voltages referenced to VSS, TA = – 40 to 85°C, CL = 50 pF, Input tr = tf = 20 ns unless otherwise indicated) Symbol Parameter Min Max Unit twH Positive Pulse Width, CLK (Figures 3 and 4) 166 — ns twL Negative Pulse Width, CLK (Figures 3 and 4) 166 — ns tsu Setup Time, ENB to CLK (Figures 3 and 4) 135 — ns tsu Setup Time, Din to CLK (Figures 3 and 4) 55 — ns th Hold Time, CLK to ENB (Figures 3 and 4) 135 — ns th Hold Time, CLK to Din (Figures 3 and 4) 55 — ns tr, tf Input Rise and Fall Times, CLK — 100 µs Cin Input Capacitance — 10 pF fclk Serial Data Clock Frequency (Refer to twH and twL Above) (Figures 3 and 4) dc 3 MHz This device contains protection circuitry to guard against damage due to high static voltages or electric fields; however, it is ad- vised that precautions be taken to avoid application of voltage higher than maximum rated voltages to this high–impedance circuit. For proper operation it is recommended that Vin and Vout be constrained to the range VSS ≤ (Vin or Vout) ≤VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). |
Số phần tương tự - MC144112 |
|
Mô tả tương tự - MC144112 |