công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC144112 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC144112
Giải thích chi tiết về linh kiện  Quad Six-Bit Digital-to-Analog Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC144112 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC144112 Datasheet HTML 1Page - Motorola, Inc MC144112 Datasheet HTML 2Page - Motorola, Inc MC144112 Datasheet HTML 3Page - Motorola, Inc MC144112 Datasheet HTML 4Page - Motorola, Inc MC144112 Datasheet HTML 5Page - Motorola, Inc MC144112 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MC144112
MOTOROLA
1
Advance Information
Quad Six-Bit Digital-to-Analog
Converter
CMOS
The MC144112 contains four independent DACs which are controlled
through a common serial data port. When all DACs are utilized, there are 24 bits
in the serial data stream. However, if not all DACs are utilized, the bit stream
length may be reduced by up to six bits per unused DAC.
For new designs, the MC144112 is preferred over the MC144110 and
MC144111. The newer MC144112 offers a wider operating temperature range,
lower operating supply voltage, and lower supply current.
• Operating Supply Voltage Range: 2.7 to 5.5 V *
• Maximum Supply Current (per Package) —
All DAC Outputs = Zero: 1.25 mA @ 2.7 V
2.1 mA @ 4.5 V
All DAC Outputs = Full Scale: 30
µA @ 5.5 V
• Integral Nonlinearity: – 1 1/4 to 1/4 LSB
• Operating Temperature Range: – 40 to 85°C
• Direct R–2R Network Outputs
• Direct Interface to Motorola SPI Serial Data Port
• Digital Data Output Permits Cascading
BLOCK DIAGRAM
Din
CLK
ENB
D
CQ
**
CLOCK
DATA
24–BIT SHIFT REGISTER
RR
R
R
R
2R
2R
2R
2R
2R
2R
VDD
2R
LOAD
R4 OUT
R–2R DETAIL
6
8
1
Dout
13
6
6
6
6
6
6
6
6
6
6
6
6
3
5
10
12
R1 OUT
R2 OUT
R3 OUT
R4 OUT
LATCHES
INVERTING BUFFERS
R–2R LADDER NETWORKS
* This product is being evaluated for operation at supply voltages less than 2.7 V. Contact your Motorola representative for further information.
** Transparent Latch
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MC144112/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC144112
ORDERING INFORMATION
D SUFFIX
SOG PACKAGE
CASE 751A
MC144112D
SOG Package
14
1
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
NC
R4 Out
Dout
VDD
CLK
NC
R3 Out
R2 Out
R1 Out
NC
Din
VSS
ENB
NC
NC = NO CONNECTION
Plastic DIP availability
dependent on market demand.
© Motorola, Inc. 1998
REV 3
2/98
TN98030200


Số phần tương tự - MC144112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14411 MOTOROLA-MC14411 Datasheet
107Kb / 3P
   Low-Power Complemetary Mos
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144110DW LANSDALE-MC144110DW Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110DW FREESCALE-MC144110DW Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144110DW LANSDALE-MC144110DW Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Mô tả tương tự - MC144112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com