công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC144112 bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC144112
Giải thích chi tiết về linh kiện  Quad Six-Bit Digital-to-Analog Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC144112 bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC144112 Datasheet HTML 1Page - Motorola, Inc MC144112 Datasheet HTML 2Page - Motorola, Inc MC144112 Datasheet HTML 3Page - Motorola, Inc MC144112 Datasheet HTML 4Page - Motorola, Inc MC144112 Datasheet HTML 5Page - Motorola, Inc MC144112 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC144112
MOTOROLA
5
PIN DESCRIPTIONS
INPUTS
Din
Data Input
Four 6–bit words are entered serially, MSB first, into the
digital data input, Din.
The last 6–bit word shifted in determines the output level of
pin R1 Out. The next–to–last 6–bit word affects pin R2 Out,
etc.
ENB
Negative Logic Enable
The ENB pin must be low (active) during the serial load.
On the low–to–high transition of ENB, data contained in the
shift register is loaded into the latch.
CLK
Shift Register Clock
Data is shifted into the register on the high–to–low transi-
tion of CLK. CLK is fed into the D–input of a transparent
latch, which is used for inhibiting the clocking of the shift reg-
ister when ENB is high.
The MC144112 usually uses 24 CLK cycles. See Table 1
for additional information.
OUTPUTS
Dout
Data Output
The digital data output is primarily used for cascading the
DACs and may be fed into Din of the next stage.
If not used, the output should be floated.
R1 Out through R4 Out
Resistor Network Outputs
These are the R–2R resistor network outputs. These out-
puts may be fed to high–impedance loads. The R value of
the resistor network ranges from 7 to 15 k
Ω.
If not used, an output should be floated.
SUPPLY PINS
VSS
Negative Supply Voltage
This pin is usually ground.
VDD
Positive Supply Voltage
The voltage applied to this pin determines the analog out-
put swing. The DAC output voltage range is from approxi-
mately VSS to VDD.
APPLICATIONS INFORMATION
For those applications where supply current is critical, any
unused DAC channels should be programmed for full–scale
output. The unused outputs are floated (no connects).
For example, with a 4.5 V supply, the worst case current
when all DACs are programmed for zero output is 2.1 mA.
This is 2.1 mA for the package; each DAC is drawing 1/4 of
this, or 525
µA. If only two channels are needed, minimum
supply current is achieved by programming the two unused
channels to full–scale output (all ones). In this case, the
worst case supply current is approximately two times
525
µA, or 1.05 mA.
Table 1. Number of Channels vs Clocks Required
Number of
Channels
Required
Minimum
Number of
Clock Cycles*
Outputs Used
1
6
R1 Out
2
12
R1 Out, R2 Out
3
18
R1 Out, R2 Out, R3 Out
4
24
R1 Out, R2 Out, R3 Out, R4 Out
* Additional clock cycles can be used, with the leading extra bits being don’t cares.
For example, eight clocks can be used if one channel is needed. The first two bits
are don’t cares; the last six bits determine the DAC output.


Số phần tương tự - MC144112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14411 MOTOROLA-MC14411 Datasheet
107Kb / 3P
   Low-Power Complemetary Mos
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144110DW LANSDALE-MC144110DW Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110DW FREESCALE-MC144110DW Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144110DW LANSDALE-MC144110DW Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Mô tả tương tự - MC144112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com