công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

744760256A bảng dữ liệu(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 744760256A
Giải thích chi tiết về linh kiện  WE-RFI Ferrite SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744760256A bảng dữ liệu(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744760256A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.0
2.0
REV
2014-04-10
2007-01-17
DATE
SSt
SKle
BY
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-RFI Ferrite SMD Inductor
Order.- No.
744760256A
SIZE
A4
Size: 0805A
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-RFI
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 744760256A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7447602560A WURTH-7447602560A Datasheet
490Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760256C WURTH-744760256C Datasheet
958Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results

Mô tả tương tự - 744760256A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744760356A WURTH-744760356A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762382A WURTH-744762382A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762315A WURTH-744762315A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762327A WURTH-744762327A Datasheet
860Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762410A WURTH-744762410A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
3.1 2014-09-15
744760312A WURTH-744760312A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762368A WURTH-744762368A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760247A WURTH-744760247A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760382A WURTH-744760382A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760268A WURTH-744760268A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760322A WURTH-744760322A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com