công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141511A bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC141511A
Giải thích chi tiết về linh kiện  LCD Segment Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141511A bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC141511A Datasheet HTML 1Page - Motorola, Inc MC141511A Datasheet HTML 2Page - Motorola, Inc MC141511A Datasheet HTML 3Page - Motorola, Inc MC141511A Datasheet HTML 4Page - Motorola, Inc MC141511A Datasheet HTML 5Page - Motorola, Inc MC141511A Datasheet HTML 6Page - Motorola, Inc MC141511A Datasheet HTML 7Page - Motorola, Inc MC141511A Datasheet HTML 8Page - Motorola, Inc MC141511A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MOTOROLA
3–22
MC141511A
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to +7.0
V
VLCD
-0.3 to +14.0
V
Vin
Input Voltage
VSS-0.3 to VDD+0.3
V
I
Current Drain Per Pin Excluding VDD and VSS
25
mA
TA
Operating Temperature
-20 to +70
˚C
Tstg
Storage Temperature Range
-65 to +150
˚C
MAXIMUM RATINGS*(Voltages Referenced to VSS, TA = 25˚C)
* Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation should be restricted to the limits in the Electrical Characteristics tables or Pin Description
section.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
VLCD
Operating Voltage
Supply Voltage
LCD Voltage
2.7
4.5
-
-
5.5
13.2
V
V
IAC
IDP
ISB
IAC
IDP
ISB
Supply Current
at VDD=5.5V (PHI2=3.685MHz)
ACCESS
DISPLAY
STANDBY (Using DON bit of the MCU)
at VDD=3.0V (PHI2=1.25MHz)
ACCESS
DISPLAY
STANDBY (Using DON bit of the MCU)
-
-
-
-
-
-
-
25
15
-
17
10
200
30
20
200
30
20
uA
uA
uA
uA
uA
uA
ILCD
Supply Current at VLCD
-
-
200
uA
VOL
VOH
Output Voltage, Iload10.0uA
-
VLCD-0.1
-
-
0.1
-
V
V
VOH
Output High Voltage (Iload=1.6mA)
D7-D0
VDD-0.8
-
-
V
VOL
Output Low Voltage (Iload=1.6mA)
D7-D0
-
-
0.4
V
VIH
Input High Voltage
R/W, BPCLK, BPSYNC, PHI2, MS, CE, D7-D0
0.8xVDD
-VDD
V
VIL
Input Low Voltage
R/W, BPCLK, BPSYNC, PHI2, MS, CE, D7-D0
VSS
-
0.2xVDD
V
VR
Data Retention
2.0
-
-
V
Iin
Input Current
BPCLK, BPSYNC, R/W, PHI2, D7-D0
-
-
1
uA
Cin
Capacitance
R/W, BPCLK, BPSYNC, PHI2, MS, CE, D7-D0
-
-
8
pF
IOH
IOL
Output current (VOH=4.5V, VOL=0.5V)
D7-D0
+20
-
-
-
-
-20
uA
uA
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, TA = 25˚C)
This device contains circuitry to protect the inputs
against damage due to high static voltages or elec-
tric fields; however, it is advised that normal precau-
tions to be taken to avoid application of any voltage
higher than maximum rated voltages to this high
impedance circuit. For proper operation it is recom-
mended that Vin and Vout be constrained to the
range VSS < or = (Vin or Vout) < or = VDD. Reliability
of operation is enhanced if unused input are con-
nected to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left
open. This device may be light sensitive. Caution
should be taken to avoid exposure of this device to
any light source during normal operation. This
device is not radiation protected.


Số phần tương tự - MC141511A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC141510 NXP-MC141510 Datasheet
9Mb / 126P
   8-Bit Microcontroller
More results

Mô tả tương tự - MC141511A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
BU9794AKV ROHM-BU9794AKV Datasheet
1Mb / 26P
   Standard LCD Segment Driver
BU9796AFS-E2 ROHM-BU9796AFS-E2 Datasheet
682Kb / 32P
   Standard LCD Segment Driver
BU9799KV ROHM-BU9799KV Datasheet
709Kb / 28P
   Standard LCD Segment Driver
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU9729K ROHM-BU9729K Datasheet
146Kb / 12P
   Segment-type LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com