công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02097-12 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện M02097-12
Giải thích chi tiết về linh kiện  Temperature compensation for modulation current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M02097-12 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M02097-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
5
Preliiminary Information/Mindspeed Proprietary and Confidential
1.4.2
AC Electrical Characteristics - Limiting Amplifier
VCCR = 3.05 to 3.55V or 4.7 to 5.5V, TA = -40°C to +95°C, unless otherwise noted.
Table 1-6.
AC Electrical Characteristics - Limiting Amplifier
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VIN(MIN)
Differential Input Sensitivity
BER < 10-12 at 1.25 Gbps with K28.5 pattern
2
mV
VI(MAX)
Input Overload
BER < 10-12, differential input
1200
mV
BER < 10-12, single-ended input
600
VN
RMS Input Referred Noise
285
µV
RMS
VLOS
LOS Programmable Range
Differential inputs, 6.0 k
Ω ≤ R
STSET ≤ 8.4 kΩ
5–
55
mV
HYS
Signal Detect Hysteresis
(electrical); signal detect level set to 20 mVPP
24
6
dB
RSSIpp
Peak-to-peak received signal
strength indicator range
4–
100
mV
BWLF
Small-Signal -3dB Low
Frequency Cutoff.
Excluding AC coupling capacitors
4
kHz
DJ
Deterministic Jitter
K28.5 pattern at 500 Mbps
50
ps
RJ
Random Jitter
10 mVPP input
3
psRMS
tr / tf
Data Output Rise and Fall Times
20% to 80%; outputs terminated into 50
Ω;
10mVPP input
––
250
ps
TLOS_ON
Time from LOS state until LOS
output is asserted
LOS assert time after 1 VPP input signal is turned
off; signal detect level set to 10 mV
2.3
80
µs
TLOS_OFF
Time from non-LOS state until
LOS is deasserted
LOS deassert time after input crosses signal
detect level; signal detect set to 10 mV with
applied input signal of 20 mVPP
2.3
80
µs


Số phần tương tự - M02097-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02097-11 MA-COM-M02097-11 Datasheet
671Kb / 21P
   3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
More results

Mô tả tương tự - M02097-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com