công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02097-11 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện M02097-11
Giải thích chi tiết về linh kiện  Temperature compensation for modulation current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M02097-11 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M02097-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 10Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 11Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 12Page - List of Unclassifed Manufacturers M02097-11 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
7
Preliiminary Information/Mindspeed Proprietary and Confidential
Table 1-8.
Circuit Response to Single-Point Fault Conditions on Driver Pins
Pin Name
Circuit Response to Over-voltage Condition or Short to
VCC
Circuit Response to Under-Voltage Condition or Short
to Ground
Config1-4
Does not affect output power (some conditions can selectively
enable/disable driver output).
Does not affect output power (some conditions can selectively
enable/disable driver output).
VCC
Outputs are disabled if VCC exceeds the VCC_okay (high level)
threshold. If so, FAIL will be asserted. (1)
Outputs are disabled if VCC voltage is below the VCC_okay (low
level) threshold. If so, FAIL will be asserted. (1)
VCC3T
Outputs are disabled if VCC3 exceeds the VCC3_okay (high level)
threshold. If so, FAIL will be asserted. (1)
Outputs are disabled if VCC3 voltage is below the VCC3_okay
(low level) threshold. If so, FAIL will be asserted. (1)
DINp, DINm
LED would remain in an optical one or zero condition.
LED would remain in an optical one or zero condition.
CPB
Pre-bias current is turned off. Does not affect LED operation.
A fault state occurs.(2)
FAIL
Does not affect LED operation.
Does not affect LED operation.
DIS
Bias and modulation outputs are disabled and SVCC is opened.
Does not affect LED operation (normal condition for circuit
operation).
MODSET
No modulation current.
A fault state occurs. (2)
PBSET
Pre-bias current is turned off. Does not affect LED power.
A fault state occurs. (2)
TCSTART
Modulation current may increase depending on operating
temperature and TCSLOPE setting.
Modulation current may decrease depending on operating
temperature and TCSLOPE setting.
TCSLOPE
Modulation current may decrease depending on operating
temperature and TCSTART setting.
Modulation current may increase depending on operating
temperature and TCSTART setting.
PBOUT
The LED is turned off if connected to the LED cathode.
A fault state occurs. (2)
OUTP
LED modulation is prevented and a fault state occurs. (2)
A fault state occurs. (2)
OUTN
Does not affect LED operation.
Does not affect LED operation.
GNDO
LED modulation is prevented and a fault state may occur. (2)
Does not affect LED operation.
SVCC
Does not affect LED operation.
The LED is turned off and a fault state occurs. (2)
NOTES:
1.
In this case a fault state will assert the FAIL output, but it is not latched. While the fault condition remains, the bias and modulation outputs are
disabled and the switch at SVCC is open. No fault occurs if in Safety Circuit Bypass (SCB).
2.
In this case a fault state will assert and latch the FAIL output, disable bias and modulation outputs and open the switch at SVCC. No fault occurs
if in Safety Circuit Bypass (SCB).


Số phần tương tự - M02097-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02097-11 MA-COM-M02097-11 Datasheet
671Kb / 21P
   3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
More results

Mô tả tương tự - M02097-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com