công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02050-15EVM bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện M02050-15EVM
Giải thích chi tiết về linh kiện  On-chip DC offset cancellation circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M02050-15EVM bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button M02050-15EVM Datasheet HTML 6Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 7Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 8Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 9Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 10Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 11Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 12Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 13Page - List of Unclassifed Manufacturers M02050-15EVM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
02050-DSH-002-F
Mindspeed Technologies™
8
Mindspeed Proprietary and Confidential
3.0 Functional Description
3.1
Overview
The M02050-15 is an integrated high-gain limiting amplifier. The M2050 features PECL outputs and is intended for
use in applications to 2.5 Gbps. Full output swing is achieved even at minimum input sensitivity. The M02050-15
can operate with a 3.3V or 5V supply.
Rate select is supported for SFP applications and/or to achieve optimum sensitivity at data rates
≤ 1.25 Gbps.
When rate select is high, optimum sensitivity is achieved at 2.5 Gbps.
The M02050-15 also includes two analog RSSI outputs proportional to either the average or peak to peak input sig-
nal and a programmable signal-level detector allowing the user to set thresholds at which the logic outputs are
enabled.
Figure 3-1.
Block Diagram Example
Level
Detect
Limiting
Amplifier
Comparator
Level
Shift
RSSI
PP
RATESEL
LOS
DINN
RxAVGIN
RSSI
AVG
DINP
PECLN
PECLP
Offset cancel
Output
Buffer
Threshold
Setting
Circuit
Regulator
VCC
STSET
VCC3
Biasing
I
REF
Jam
V
TT


Số phần tương tự - M02050-15EVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02050-15EVM MA-COM-M02050-15EVM Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
More results

Mô tả tương tự - M02050-15EVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linkage Goston Electron...
SM208ND LINKAGE-SM208ND Datasheet
1Mb / 6P
   Current stripe wave cancellation chip
logo
Pomona Electronics
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
   400MHz Noise Cancellation TTL/CMOS Potato Chip
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
PO74G553A POMONA-PO74G553A_14 Datasheet
1Mb / 5P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
   Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
Maxim Integrated Produc...
MAX30100 MAXIM-MAX30100 Datasheet
881Kb / 29P
   Integrated Ambient Light Cancellation
Rev 0; 9/14
logo
Sanyo Semicon Device
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
logo
TEMIC Semiconductors
U4276B TEMIC-U4276B Datasheet
83Kb / 8P
   FM Multipath Noise Cancellation
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com