công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH162373PVG8 bảng dữ liệu(PDF) 1 Page - Integrated Device Technology

tên linh kiện 74ALVCH162373PVG8
Giải thích chi tiết về linh kiện  3.3V CMOS 16-BIT TRANS- PARENT D-TYPE LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVCH162373PVG8 bảng dữ liệu(HTML) 1 Page - Integrated Device Technology

  74ALVCH162373PVG8 Datasheet HTML 1Page - Integrated Device Technology 74ALVCH162373PVG8 Datasheet HTML 2Page - Integrated Device Technology 74ALVCH162373PVG8 Datasheet HTML 3Page - Integrated Device Technology 74ALVCH162373PVG8 Datasheet HTML 4Page - Integrated Device Technology 74ALVCH162373PVG8 Datasheet HTML 5Page - Integrated Device Technology 74ALVCH162373PVG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH162373
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
1
JUNE 2016
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2016 Integrated Device Technology, Inc.
DSC-4575/7
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
μμμμμ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
This16-bittransparentD-typelatchisbuiltusingadvanceddualmetalCMOS
technology.TheALVCH162373isparticularlysuitableforimple-mentingbuffer
registers,I/Oports,bidirectionalbusdrivers,andworkingregisters.Thisdevice
canbeusedastwo8-bitlatchesorone16-bitlatch.Whenthelatchenable(LE)
inputishigh,theQoutputsfollowthedata(D)inputs.WhenLEistakenlow,the
Q outputs are latched at the levels set up at the D inputs.
Abufferedoutput-enable(OE)canbeusedtoplacetheeightoutputsineither
anormallogicstate(highorlowlogiclevels)orahigh-impedancestate.Inthe
high-impedancestate,theoutputsneitherloadnordrivethebuslinessignifi-
cantly.Thehigh-impedancestateandtheincreaseddriveprovidethecapability
todrivebuslineswithoutneedforinterfaceorpullupcomponents.OEdoesnot
affectinternaloperationsofthelatch.Olddatacanberetainedornewdatacan
beeneteredwhiletheoutputsareinthehigh-impedancestate.
TheALVCH162373hasseriesresistorsinthedeviceoutputstructurewhich
will significantly reduce line noise when used with light loads. This driver has
been designed to drive ±12mA at the designated threshold levels.
The ALVCH162373 has “bus-hold” which retains the inputs’ last state
whenevertheinputgoestoahighimpedance.Thispreventsfloatinginputsand
eliminatestheneedforpull-up/downresistor.
DRIVE FEATURES:
• Balanced Output Drivers: ±12mA
• Low switching noise
IDT74ALVCH162373
3.3V CMOS 16-BIT TRANS-
PARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
AND BUS-HOLD
1
OE
C1
1D
1
D1
47
1
LE
1
Q1
TO 7 OTHER CHANNELS
2
OE
2
D1
36
2
LE
2
Q1
TO 7 OTHER CHANNELS
1
48
2
24
25
13
C1
1D
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems


Số phần tương tự - 74ALVCH162373PVG8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
74ALVCH162373PVG8 RENESAS-74ALVCH162373PVG8 Datasheet
256Kb / 7P
   3.3V CMOS 16-BIT TRANS- PARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
More results

Mô tả tương tự - 74ALVCH162373PVG8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
IDT74ALVCH162373 RENESAS-IDT74ALVCH162373 Datasheet
256Kb / 7P
   3.3V CMOS 16-BIT TRANS- PARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74ALVCH16374 IDT-IDT74ALVCH16374 Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com