công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16245PAG bảng dữ liệu(PDF) 1 Page - Integrated Device Technology

tên linh kiện 74ALVCH16245PAG
Giải thích chi tiết về linh kiện  3.3V CMOS 16-BIT BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVCH16245PAG bảng dữ liệu(HTML) 1 Page - Integrated Device Technology

  74ALVCH16245PAG Datasheet HTML 1Page - Integrated Device Technology 74ALVCH16245PAG Datasheet HTML 2Page - Integrated Device Technology 74ALVCH16245PAG Datasheet HTML 3Page - Integrated Device Technology 74ALVCH16245PAG Datasheet HTML 4Page - Integrated Device Technology 74ALVCH16245PAG Datasheet HTML 5Page - Integrated Device Technology 74ALVCH16245PAG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
1
AUGUST 2016
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2016 Integrated Device Technology, Inc.
DSC-4697/6
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
μμμμμ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in TSSOP package
FUNCTIONAL BLOCK DIAGRAM
IDT74ALVCH16245
3.3V CMOS 16-BIT BUS
TRANSCEIVER WITH
3-STATE OUTPUTS
AND BUS-HOLD
DESCRIPTION:
This 16-bit bus transceiver is built using advanced dual metal CMOS
technology.TheALVCH16245isdesignedforasynchronouscommunication
betweendatabuses.Thecontrol-functionimplementationminimizesexternal
timingrequirements.
Thisdevicecanbeusedastwo8-bittransceiversorone16-bittransceiver.
ItallowsdatatransmissionfromtheAbustotheBbusorfromtheBbustothe
A bus, depending on the logic level at the direction-control (DIR) input. The
output-enable(OE)inputcanbeusedtodisablethedevicesothatthebuses
areeffectivelyisolated.
The ALVCH16245 has been designed with a ±24mA output driver. This
driveriscapableofdrivingamoderatetoheavyloadwhilemaintainingspeed
performance.
The ALVCH16245 has “bus-hold” which retains the inputs’ last state
whenevertheinputbusgoestoahighimpedance.Thispreventsfloatinginputs
andeliminatestheneedforpull-up/downresistors.
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Suitable for heavy loads
1
DIR
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B8
1
B7
1
B6
1
B5
1
B4
1
B3
1
B2
1
B1
1
OE
2
DIR
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B8
2
B7
2
B6
2
B5
2
B4
2
B3
2
B2
2
B1
2
OE
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
48
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
25


Số phần tương tự - 74ALVCH16245PAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
74ALVCH16245PAG RENESAS-74ALVCH16245PAG Datasheet
285Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
74ALVCH16245PAG8 RENESAS-74ALVCH16245PAG8 Datasheet
285Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results

Mô tả tương tự - 74ALVCH16245PAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH32245A IDT-IDT74LVCH32245A_16 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com