công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34216ADWF bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC34216ADWF
Giải thích chi tiết về linh kiện  PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34216ADWF bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC34216ADWF Datasheet HTML 6Page - Motorola, Inc MC34216ADWF Datasheet HTML 7Page - Motorola, Inc MC34216ADWF Datasheet HTML 8Page - Motorola, Inc MC34216ADWF Datasheet HTML 9Page - Motorola, Inc MC34216ADWF Datasheet HTML 10Page - Motorola, Inc MC34216ADWF Datasheet HTML 11Page - Motorola, Inc MC34216ADWF Datasheet HTML 12Page - Motorola, Inc MC34216ADWF Datasheet HTML 13Page - Motorola, Inc MC34216ADWF Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC34216A
10
MOTOROLA ANALOG IC DEVICE DATA
Z21
T3
T2
Z1
C12
RX
Z0
R5
V
C7
2V
1.4 V
V
Line +
HYN
LAI
SAO
NDC
SAI
LAO
Line –
Gnd
I2
R1
MC34216A
C16
2.4 V
IMP
CM
G
CC
O2
BE
VO1
+
+
+
+
+
+
+
+
Figure 4. DC Part of the Block Diagram of the MC34216A
The transfer from Region 2 to 3 occurs at the point VLK,
ILK, which is calculated:
VLK
+ Z1 x I2CD ) 2V
BE )
V
CD )
V
O2
ILK
+
Z21
Z0
x Z1 x I2CD
) 2V
BE
) V
CD
R1
With : I2CD
+ I2C ) I2D
2
, and V
CD +
V
C )
V
D
2
,
and 2V
BE [
1.4 V, V
O2 [
1.1 V
When the French or U.K. mask is selected, this transfer
takes place for line currents of 30 mA to 40 mA depending
on the components settings. With the Startup and Low
Voltage mask, the transfer lies outside the normal operating
range with line currents of 90 mA or more. In most
applications, the transfer from Region 1 to 2 takes place for
line currents below 10 mA.
With proper settings, Region 4 is only entered during an
overload condition. In this mode, the power consumption in
the telephone set is limited. In order to detect an overload
condition, the voltage between the Pins LAI and SAO is
monitored. When the voltage difference is larger than the
threshold Vclamp1, the protection is made active. The relation
for the line voltage VLP at this point is given as:
VLP
+ Z0
Z21
x V
clamp1 )
V
CD )
V
O2
When the protection mode is entered, the line current is
reduced to a lower value ILP of:
ILP
+
V
clamp2 )
V
O1
– V
O2
R1
When the line voltage becomes smaller than VLP, the
overload condition is gone and the MC34216A will leave
Region 4.
The current drawn from the line by the dc part is used to
supply the MC34216A and peripheral circuits. The surplus of
current is sunk away by the voltage stabilizer at Pin VCC
where a reservoir capacitor is connected. The reference for
the circuit is Pin Gnd.
Startup of the application is ensured by an internal startup
circuit. During the startup, the internal registers of the
MC34216A are reset, and the reset Pin RS goes high. This
signals is meant to indicate to the microcontroller that the
programming of the MC34216A can start.
When the line current flows, the hook status output
Pin D/HS goes high. This serves as the information for the
microcontroller that the set is off–hook. When the line current
is no longer present, the pin goes low again. Because the line
current is monitored, and not the line voltage, an interrupt of
the exchange can be recognized.


Số phần tương tự - MC34216ADWF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216DW MOTOROLA-MC34216DW Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results

Mô tả tương tự - MC34216ADWF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com