công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34216ADW bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC34216ADW
Giải thích chi tiết về linh kiện  PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34216ADW bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC34216ADW Datasheet HTML 5Page - Motorola, Inc MC34216ADW Datasheet HTML 6Page - Motorola, Inc MC34216ADW Datasheet HTML 7Page - Motorola, Inc MC34216ADW Datasheet HTML 8Page - Motorola, Inc MC34216ADW Datasheet HTML 9Page - Motorola, Inc MC34216ADW Datasheet HTML 10Page - Motorola, Inc MC34216ADW Datasheet HTML 11Page - Motorola, Inc MC34216ADW Datasheet HTML 12Page - Motorola, Inc MC34216ADW Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MC34216A
9
MOTOROLA ANALOG IC DEVICE DATA
T2
C7
RXO1
Z0
Z21
Z1
T3
C20
R6
R9
C5
R12
R20
RXO2
TXI
Mic
AHO1
MTC
MTF
AHO2
RXI
LAO
Gnd
V
HYN
NDC
SAO
LAI
IMP
I
Supply–
Stabilizer
References
DC Mask Generation
AC Termination
2–4 Wire Conversion
Line Length AGC
Protection
C12
Line +
Line –
26
27
25
6
7
1
21
22
8
2
3
4
10
11
14
9
13
20
Anti–Howling
Line
Driver
Ear
Mic
Mute, AGC
MC34216A
C17
AGC
28
ref
CC
Mute, AGC
CM
C16
12
To IMP To SAI
To IMP
Ring–
AGnd
5
RS
19
Clk
18
D/HS
17
Regulator
DTMF/Tone
and Ring
Generator
Micro–
Interface
Clock
Hook–Detect
Osc
16
X1
LPO
R30
LPI
23
24
LSP
C24
Volume
Microphone Threshold
C29
C28
C27
C26
C25
To IMP
C21
R28
To
Micro–
controller
R1
SAI
15
Handset
Earpiece
Handset
Microphone
Speaker
Figure 2. Block Diagram of the MC34216A with Essential Components
DC CHARACTERISTICS AND STARTUP
2
1
3
4
VLC
IVLP
ILK
ILP
VLK
ILC
VLP
V
I
0
line
line
Region 1: Startup, Low Line Current, High Slope
Region 2: Mid Range Line Current, Small Slope
Region 3: High Line Current, High Slope
Region 4: Overload Protection
Figure 3. General Form of the
DC Mask of the MC34216A
The MC34216A offers the possibility to adjust the dc
characteristics of all 4 regions via both software and hardware
adjustments. The software adjustments make it possible to
program the 4 different basic masks: France, United Kingdom,
Low Voltage and Startup. The hardware adjustments can be
used for fine–tuning. The adjustment possibilities will be
discussed below with the aid of the block diagram of Figure 4.
In Region 1, the transfer of the amplifier G at the HYN input
equals zero. The voltage difference between SAO and SAI
will equal VO1. The slope RE1 of the Vline, Iline characteristic
will equal:
R
E1 +
R1 x
1
) Z0
Z21
In Region 2, the output current of the amplifier G will be
proportional to the input current. As a result, the voltage
between SAO and SAI will increase with the line voltage.
Speech signals on the line are of no influence on this
because they are filtered out via capacitor C16. The slope
RE2 of the Vline, Iline characteristic will equal:
R
E2 +
R1 x
1
)
1
Ri
Z1
) Z21
Z0
In Region 3, the output current of the amplifier G is kept
constant. As a result, the slope in Region 3 will equal the
slope of Region 1.


Số phần tương tự - MC34216ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216DW MOTOROLA-MC34216DW Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results

Mô tả tương tự - MC34216ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com