công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34216ADW bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC34216ADW
Giải thích chi tiết về linh kiện  PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34216ADW bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC34216ADW Datasheet HTML 1Page - Motorola, Inc MC34216ADW Datasheet HTML 2Page - Motorola, Inc MC34216ADW Datasheet HTML 3Page - Motorola, Inc MC34216ADW Datasheet HTML 4Page - Motorola, Inc MC34216ADW Datasheet HTML 5Page - Motorola, Inc MC34216ADW Datasheet HTML 6Page - Motorola, Inc MC34216ADW Datasheet HTML 7Page - Motorola, Inc MC34216ADW Datasheet HTML 8Page - Motorola, Inc MC34216ADW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MC34216A
5
MOTOROLA ANALOG IC DEVICE DATA
AC ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C)
Characteristic
Unit
Max
Typ
Min
Symbol
TRANSMIT PABX MODE
French and U.K.
dB
Transmit Gain (I2 = 2.0
µA)
KPABX
11.4
12.5
13.6
Variation with Line Length (I2 = 27
µA)
∆KPABX
–0.5
0.5
Low Voltage Mode (MC34216ADW Only)
dB
Transmit Gain (I2 = 2.0
µA)
KPABX
11.5
12.5
13.6
Variation with Line Length (I2 = 20
µA)
∆KPABX
–0.5
0.5
Variation with Line Current (ICC = 16 mA)
∆KPABX1
–0.5
0
0.5
Variation with Line Current (ICC = 7.0 mA)
∆KPABX2
–2.0
0
2.0
RECEIVE PABX MODE
French
Internal Transconductance (I2 = 2.0
µA)
GPABX
157
180
207
µA/V
Variation with Line Length (I2 = 27
µA)
∆GPABX
–0.5
0.5
dB
U.K.
Internal Transconductance (I2 = 2.0
µA)
GPABX
157
180
207
µA/V
Variation with Line Length (I2 = 27
µA)
∆GPABX
–0.5
0.5
dB
Low Voltage Mode (MC34216ADW Only)
Internal Transconductance (I2 = 2.0
µA)
GPABX
152
175
200
µA/V
Variation with Line Length (I2 = 20
µA)
∆GPABX
–0.5
0.5
dB
Variation with Line Current (ICC = 16 mA)
∆GPABX1
–0.5
0.5
Variation with Line Current (ICC = 7.0 mA)
∆GPABX2
–2.0
2.0
DISTORTION
French and U.K.
Transmit (I2 = 10–30
µA)
French
Receive
VE = 700 mV
(I2 = 10
µA)
VE = 1350 mV
THDT
THDR
3.0
3.0
5.0
%
Low Voltage
Transmit (I2 = 10–20
µA)
(MC34216ADW Only)
Receive
VE = 700 mV
(I2 = 20
µA)
VE = 1350 mV
THDT
THDR
3.0
3.0
5.0
%
NOTE: VE is the differential earpiece voltage across Pins 26 and 27.
OTHER ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
LINE CURRENT AGC ( RLS = 25 Ω, G0 = G1 = G2 = 1, VLS = 2.0 Vpp, French, U.K., and LV Masks)
Line Current for which AGC is Active
IAGC(on)
19
mA
VCC with Current AGC “On” (ICC = 13 mA)
VCC AGC
VCC – 5.0%
VCC
Vdc
Line Current for which AGC is Inactive
IAGC(off)
21
mA
PEAK–TO–PEAK AGC (RLS = 25 Ω, C25 = 220 nF, G0 = G1 = G2 = 1, ICC = 40 mA)
DC Level at Pin 28
Vdc
AGC “Off”
VAGC(off)
1.6
1.7
1.8
AGC “On”
VAGC(on)
1.2
1.3
1.5
AGC Upper Threshold
VLS(up)
Vrms
France and U.K.
VCC – 1.2
VCC – 1.0
Low Voltage (MC34216ADW Only)
0.85
1.0
AGC Lower Threshold
VLS(low)
Vrms
France and U.K.
VCC – 1.9
VCC – 1.6
Low Voltage (MC34216ADW Only)
0.72
0.85
1 Step AGC Gain Variation (LSB)
∆AGC
1.0
1.25
1.50
dB
ANTI–HOWLING MONITORING RECEIVE GAIN
Internal Resistor RT
Muted (G2, G1, G0 = 000)
RT000
10
18
Maximum Gain (G2, G1, G0 = 111)
RT111
40
60
80
k
Attenuation Step
∆GLS
3.5
4.5
5.5
dB


Số phần tương tự - MC34216ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216DW MOTOROLA-MC34216DW Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results

Mô tả tương tự - MC34216ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com