công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34216A bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC34216A
Giải thích chi tiết về linh kiện  PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34216A bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC34216A Datasheet HTML 4Page - Motorola, Inc MC34216A Datasheet HTML 5Page - Motorola, Inc MC34216A Datasheet HTML 6Page - Motorola, Inc MC34216A Datasheet HTML 7Page - Motorola, Inc MC34216A Datasheet HTML 8Page - Motorola, Inc MC34216A Datasheet HTML 9Page - Motorola, Inc MC34216A Datasheet HTML 10Page - Motorola, Inc MC34216A Datasheet HTML 11Page - Motorola, Inc MC34216A Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC34216A
8
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Pin
Description
Symbol
21
VCC
Supply Voltage
22
Gnd
Large Signal Ground
23
LPO
Loudspeaker Amplifier Output
24
LPI
Loudspeaker Amplifier Input
25
RXI
Receive Amplifier Input
26
RXO1
Receive Amplifier Output
27
RXO2
Receive Amplifier Output
28
AGC
Loudspeaker AGC Timing
CIRCUIT DESCRIPTION
Concept
With the MC34216A, a microcontroller and a switched
mode power supply, a telephone set with listening–in function
and ringing via loudspeaker can be built as shown in
Figure 1.
In off–hook position, the application is in speech mode. The
line current flows through transistor T2 and supplies the
application at the supply point VCC which is stabilized by the
MC34216A. The Vline, Iline characteristic is programmed by
the microcontroller and adjusted by the external components
Z0, Z1, Z21 and R1 which are in a regulator loop, acting on
transistor T2. The ac impedance is generated in a similar way.
Handset and loudspeaker can be connected directly to the
MC34216A to perform handset and listening–in operation.
Via the bus, the microcontroller programs the MC34216A to
perform the DTMF/pulse–dialing and supervise the device.
The user keyboard has to be connected to the microcontroller.
In on–hook position, the SMPS supplies the application in
presence of a ringing signal. The microcontroller programs
the MC34216A and a ringing melody can be generated via
the loudspeaker.
The block diagram of the MC34216A (see Figure 2),
shows the basic blocks of the device plus the essential
external components.
R1
Micro
MC34216A
T2
Z0
Z1
Z21
A/B
Hookswitch
VCC
Gnd
SMPS
Loudspeaker
Handset
Figure 1. Telephone Concept with MC34216A


Số phần tương tự - MC34216A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216DW MOTOROLA-MC34216DW Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results

Mô tả tương tự - MC34216A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com