công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR05S3V3 bảng dữ liệu(PDF) 2 Page - XP Power Limited

tên linh kiện STR05S3V3
Giải thích chi tiết về linh kiện  Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

STR05S3V3 bảng dữ liệu(HTML) 2 Page - XP Power Limited

  STR05S3V3 Datasheet HTML 1Page - XP Power Limited STR05S3V3 Datasheet HTML 2Page - XP Power Limited STR05S3V3 Datasheet HTML 3Page - XP Power Limited STR05S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STR Series
www.xppower.com
2
Switching Regulator
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
1.4
15.5
VDC
See Models and Ratings table
Initial Set Accuracy
±2.0
±3.0
%
Minimum Load
A
No minimum load required
Line Regulation
±0.2
±0.4
%
1.5 V to 6.5 V
±0.1
±0.2
9 V to 15 V
Load Regulation
±0.4
±0.6
%
1.5 V to 6.5 V
±0.25
±0.4
9 V to 15 V
Transient Response
2
% deviation
Recovery within 1% in less than 100 µs for a 50% load
change.
Ripple & Noise
30
mV pk-pk
1.5V to 6.5V. 20 MHz bandwidth. Measured using 0.47 µF
ceramic capacitor.
40
9V to 15V. 20 MHz bandwidth. Measured using 0.47 µF
ceramic capacitor.
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
220
µF
Temperature Coefficient
0.02
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
32
VDC
See Models and Ratings table. A 22 µF / 50 V capacitor is
required across the input for voltages above 28 VDC. Input
voltages must be >1.5 V higher than output voltage for 3.3 V
to 5 V versions and >3.0V for 6.5 V to 15 V versions
Input Filter
Internal Capacitor
Input Surge
34
VDC for 1 s
Input Current - No Load
5
mA
Input Current - Remote On/Off
35
µA
At 24 V input
Remote On/Off
ON: Logic high (2.4 - 5 V) or open circuit
OFF: Logic low (<1.6 V) or short pin 10 to pin 7, 8 or 9
Input current is 35 µA max at nominal input voltage when output is remotely turned off
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
94
%
See Models and Ratings table
Isolation: Input to Output
No isolation
Switching Frequency
280
330
380
kHz
Mean Time Between Failure
2.0
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.004 (1.7)
lb (g)
Moisture Sensitivity Level
Level 2
IPC/JEDEC J-STD-020D.1
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+100
°C
See Derating Curve.
Storage Temperature
-55
+125
°C
Case Temperature
+95
°C
Thermal Shutdown
160
°C
Measured internally
Humidity
95
%RH
Non-condensing
Cooling
Natural convection
Case Flammability
UL 94V-0 Rated
Non conductive black plastic
Lead-Free Reflow Solder Process
IPC/JEDEC J-STD-020D.1


Số phần tương tự - STR05S3V3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
STR02 TEC-STR02 Datasheet
112Kb / 1P
   SIP SWITCH
16MAY07
STR04 TEC-STR04 Datasheet
112Kb / 1P
   SIP SWITCH
16MAY07
STR06 TEC-STR06 Datasheet
112Kb / 1P
   SIP SWITCH
16MAY07
STR08 TEC-STR08 Datasheet
112Kb / 1P
   SIP SWITCH
16MAY07
logo
Seoul Semiconductor
STR0A12BH SEOUL-STR0A12BH Datasheet
825Kb / 24P
   Applicable for automotive interior light
More results

Mô tả tương tự - STR05S3V3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com