công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC701 bảng dữ liệu(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC701
Giải thích chi tiết về linh kiện  16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC701 bảng dữ liệu(HTML) 9 Page - Burr-Brown (TI)

Back Button ADC701 Datasheet HTML 5Page - Burr-Brown (TI) ADC701 Datasheet HTML 6Page - Burr-Brown (TI) ADC701 Datasheet HTML 7Page - Burr-Brown (TI) ADC701 Datasheet HTML 8Page - Burr-Brown (TI) ADC701 Datasheet HTML 9Page - Burr-Brown (TI) ADC701 Datasheet HTML 10Page - Burr-Brown (TI) ADC701 Datasheet HTML 11Page - Burr-Brown (TI) ADC701 Datasheet HTML 12Page - Burr-Brown (TI) ADC701 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
ADC701/SHC702
9
NOTES: (1) For lowest distortion at high input frequencies the non-buffered option should be used. If the buffer is not used, its input should be grounded. (2) Shown
connected for
±5V input range. Refer to Input Connection Table for other options. (3) If the Clip Detect feature is used, then the signal may be latched with a simple
D type flip-flop as shown. See the section on ADC701 Digital I/O for additional applications information. (4) The second octal flip-flop is recommended but optional
— it provides added digital signal isolation and buffering, and also permits three-state logic output compatibility. (5) All commons should be connected to the analog
ground plane. Refer to the section on “Power and Ground Connections.” (6) The Offset Adjust circuit shown provides an adjustment range of approximately
±0.25%
FSR.
FIGURE 3. ADC701/SHC702 Connection Diagram.
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
8
74HC574
Octal Flip-Flop
Bit
9
Bit
10
Bit
11
Bit
12
Bit
13
Bit
14
Bit
15
Bit
16
12
3
4
5
6
7
8
12
11
16
17
19
13
18
10
20
+5V
Sample/Hold Command Out
Convert Command In
ADC701
Bit
1/9
Bit
2/10
Bit
3/11
Bit
4/12
Bit
5/13
Bit
6/14
Bit
7/15
Bit
8/16
Data
Strobe
High/Low
Byte
Select
Clock
Adj
+5V
+5V
31
32
36
37
35
39
33
29
25
22
21
24
= Analog Ground Plane
26
38
40
Input
D
Ref
In
Ref
Out
Ref
Adj
Ref
Com
Analog
Commons
Signal
Com
Power
Com
Offset
Adjust
Offset
Adjust
+15V
–15V
+5V
–5V
+15V
–15V
+5V
–5V
Start
Convert
11
1
Analog
Output
Hold
SHC702
17
14
13
Buffer
Input
Buffer
Output
Analog
Input
12
10
15
21
23
+15V
–15V
+5V
24
22
9
+15V
–15V
+5V
Hold
14
27
28
Input A(2)
Input B
Common
Optional
Gain Adjust
Digital Common
VIN (1)
Connect for
Buffered Input
Connect for
Direct Input
(5)
+
+
+
+
+
+
+
+
30k
20k
Clip
Detect
9
74HC574
Optional(4)
(3)
Q
D
Optional
Offset Adjust
(6)
500k
15
1k
Optional
Clock Adjust
Clip
Detect
(Latched)


Số phần tương tự - ADC701

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Mô tả tương tự - ADC701

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com