công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02067G-13 bảng dữ liệu(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02067G-13
Giải thích chi tiết về linh kiện  Rise and fall times <150 ps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067G-13 bảng dữ liệu(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067G-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
6
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
1.4
AC Characteristics
1.5
DC Screen
The M02067 is screened under the following conditions.
TA = 25 °C, VCC = 3.3 V, RMODSET = 8.46 kΩ
Table 1-4.
AC Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units.
Differential input voltage
= 2 x (DIN+HIGH-DIN+LOW)
300
-
1860
mV
Modulation current range
2.5
-
85
mA
Modulation current with output disabled
DIS = HIGH
-
-
300
µA
Programmable range for modulation
current temperature coefficient
Adjustable
500
-
104
ppm/°C
Programmable temperature at which
modulation current TC compensation
enables
Programmed by choice of RTCSLOPE
20
-
60
°C
Modulation output rise/fall times
20% to 80% into 25
Ω, with matching network
-
-
150
ps
Overshoot of modulation output current
Into 25
Ω load, with matching network
-5
-
+5
%
Modulation output Pulse width
distortion
Measured using alternating 1-0 pattern
-
-
50
ps
Modulation output deterministic jitter
Peak-to-peak. Measured into 25
Ω load using 27-
1 PRBS at 2.1 Gbps
-
-
50
ps
Notes:
VCC = +3.3V ±10%, TA = -40 °C to +85 °C, unless otherwise noted
Table 1-5.
DC Screen
Part Number
Parameter
Production Test Conditions
Screen Limits
M02067G-12
Modulation Current
Measured at pin OUT-
Load resistor at OUT- is 24
Ω connected to VCC
41.8 mA min. to 50.8 mA max
M02067G-13
Modulation Current
Measured at pin OUT-
Load resistor at OUT- is 24
Ω connected to VCC
41.8 mA min. to 48.0 mA max


Số phần tương tự - M02067G-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02067G-13 MA-COM-M02067G-13 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results

Mô tả tương tự - M02067G-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
   Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com