công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV4030-10 bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MTV4030-10
Giải thích chi tiết về linh kiện  Silicon Abrupt Tuning Varactor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MTV4030-10 bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MTV4030-10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MTV4030-10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MTV4030-10 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MTV4030-10 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MTV4030-10 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicon Abrupt Tuning Varactor Diodes
Rev. V1
MTV4030-x Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings
Parameter
Absolute Maximum
Device Dissipation
250 mW
Operating Temperature
-55°C to +150°C
Storage Temperature
-65°C to +100°C
Electrical Specifications: TC = +25°C
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these HBM Class 0
devices.
Moisture Sensitivity
These electronic devices are rated MSL 1.
Part Number
Reverse Voltage
VB
IR = 10 µA
Junction Capacitance1
CJ
VR = 4 V, 1 MHz
Capacitance Ratio
CR
CT0 / CT30
Quality Factor
Q
VR = 4 V, 50 MHz
Minimum
Typical
Minimum
Minimum
MTV4030-11
30
3.3
5
3600
MTV4030-12
30
3.6
5
3400
MTV4030-13
30
3.9
5
3400
MTV4030-14
30
4.7
5
3200
MTV4030-15
30
5.6
5
3000
MTV4030-16
30
6.8
5
2800
MTV4030-17
30
8.2
5
2600
MTV4030-18
30
10.0
5
2400
MTV4030-19
30
12.0
5
2200
MTV4030-20
30
15.0
5
2000
MTV4030-21
30
18.0
5
1800
MTV4030-22
30
22.0
5
1600
MTV4030-23
30
27.0
5
1400
MTV4030-24
30
33.0
5
1400
MTV4030-25
30
39.0
5
1200
MTV4030-26
30
47.0
5
1000
1. Total Capacitance (CT) values will vary depending upon the desired packaging type (CJ + package = CT).
Package
Style
Package
Capacitance
(pF)
Series
Inductance
(nH)
Typical
Typical
CS11
0
0.12
H20
0.20
0.12
CS37
0.19
0.40
CS75
0.25
1.20
CS85
0.30
1.50


Số phần tương tự - MTV4030-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
MTV4045-01 MA-COM-MTV4045-01 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-02 MA-COM-MTV4045-02 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-03 MA-COM-MTV4045-03 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-04 MA-COM-MTV4045-04 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-05 MA-COM-MTV4045-05 Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
More results

Mô tả tương tự - MTV4030-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
SMV14XX MA-COM-SMV14XX Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
MTV4060-X MA-COM-MTV4060-X Datasheet
684Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
logo
Advanced Semiconductor
PC115A ASI-PC115A Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com