công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTV4030-06 bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MTV4030-06 bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 5 page Silicon Abrupt Tuning Varactor Diodes Rev. V1 MTV4030-x Series 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Absolute Maximum Ratings Parameter Absolute Maximum Device Dissipation 250 mW Operating Temperature -55°C to +150°C Storage Temperature -65°C to +100°C Electrical Specifications: TC = +25°C Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity These electronic devices are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these HBM Class 0 devices. Moisture Sensitivity These electronic devices are rated MSL 1. Part Number Reverse Voltage VB IR = 10 µA Junction Capacitance1 CJ VR = 4 V, 1 MHz Capacitance Ratio CR CT0 / CT30 Quality Factor Q VR = 4 V, 50 MHz Minimum Typical Minimum Minimum MTV4030-11 30 3.3 5 3600 MTV4030-12 30 3.6 5 3400 MTV4030-13 30 3.9 5 3400 MTV4030-14 30 4.7 5 3200 MTV4030-15 30 5.6 5 3000 MTV4030-16 30 6.8 5 2800 MTV4030-17 30 8.2 5 2600 MTV4030-18 30 10.0 5 2400 MTV4030-19 30 12.0 5 2200 MTV4030-20 30 15.0 5 2000 MTV4030-21 30 18.0 5 1800 MTV4030-22 30 22.0 5 1600 MTV4030-23 30 27.0 5 1400 MTV4030-24 30 33.0 5 1400 MTV4030-25 30 39.0 5 1200 MTV4030-26 30 47.0 5 1000 1. Total Capacitance (CT) values will vary depending upon the desired packaging type (CJ + package = CT). Package Style Package Capacitance (pF) Series Inductance (nH) Typical Typical CS11 0 0.12 H20 0.20 0.12 CS37 0.19 0.40 CS75 0.25 1.20 CS85 0.30 1.50 |
Số phần tương tự - MTV4030-06 |
|
Mô tả tương tự - MTV4030-06 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |