công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G02 bảng dữ liệu(PDF) 10 Page - XP Power Limited

tên linh kiện G02
Giải thích chi tiết về linh kiện  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G02 bảng dữ liệu(HTML) 10 Page - XP Power Limited

Back Button G02 Datasheet HTML 2Page - XP Power Limited G02 Datasheet HTML 3Page - XP Power Limited G02 Datasheet HTML 4Page - XP Power Limited G02 Datasheet HTML 5Page - XP Power Limited G02 Datasheet HTML 6Page - XP Power Limited G02 Datasheet HTML 7Page - XP Power Limited G02 Datasheet HTML 8Page - XP Power Limited G02 Datasheet HTML 9Page - XP Power Limited G02 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4726BH01
PAGE 10
WWW.XPPOWER.COM
* Notes:
1. At maximum rated output voltage.
2. Output voltage is load dependent. Under light or no load conditions, reduce input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 30 minute warm up, full load, at 25C unless otherwise indicated.
4. For dual output units [CT option], the negative output voltage will be ~20% larger than the positive output voltage with respect to the center tap pin.
5. Ripple Specifications for dual output units applies to the voltage between the positive and negative output terminals.
6. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
7. The GPMT is only 0.4375W.
8. Models G40, G50 & G60 do not have internal bleeder resistors on the output. Provisions must be made externally to discharge the output capacitors.
XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details.
HOW TO ORDER
Rectifier &
Multiplier
Transformer
Oscillator
(+) Output
Center tap (for Dual output option)
(-) Output
(+) In
(-) In
Model
Output Voltage (See table)
Center Tap (for dual output option)
EXAMPLE: G10CTAB (G-Model, 10-Output Voltage, CT-Center Tap, AB-Shielding & Mounting Enclosure)
PART NUMBER SELECTOR:
Model Number:
G10CTAB
Shielding & Mounting Enclosure (Optional)
G SERIES
BLOCK DIAGRAM
OPTION CODE TABLE
OPTION
ORDER CODE
MODELS
POLARITY
Positive / Negative reversible
Blank
ALL
Dual Output (center tap) option
CT
ALL
OPTIONS
Shielding and Mounting Enclosure
AB
ALL


Số phần tương tự - G02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Powerbox
G02 POWERBOX-G02 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
List of Unclassifed Man...
G02BA ETC1-G02BA Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G02BB ETC1-G02BB Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G02BC ETC1-G02BC Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G02BE ETC1-G02BE Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

Mô tả tương tự - G02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com