công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KAQY212STR bảng dữ liệu(PDF) 1 Page - COSMO Electronics Corporation

tên linh kiện KAQY212STR
Giải thích chi tiết về linh kiện  4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COSMO [COSMO Electronics Corporation]
Trang chủ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY212STR bảng dữ liệu(HTML) 1 Page - COSMO Electronics Corporation

  KAQY212STR Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY212STR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00001.5
- 1 -
http://www.cosmo-ic.com
cosmo
KAQY212 Series
4PIN 60V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Description
The KAQY212 series is robust, ideal for telecom and
ground fault applications. It is a SPST normally open switch (1
Form A) that replaces electromechanical relays in many
applications. It is constructed using a GaAlAs LED for
actuation control and an integrated monolithic die for the
switch
output.
The
die,
fabricated
in
a
high-voltage
dielectrically
isolated
technology,
is
comprised
of
a
photodiode array, switch control circuitry and MOSFET
switches.
 Schematic
4
1
1 FORM A
NORMALLY OPEN
3
2
4
3
1
2
 Features
1. Normally open, single pole single throw
2. Control 60V AC or DC voltage
3. Switch 400mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage 5KV (DIP / SMD)
8. Pb free and RoHS compliant
9. MSL class 1
10. Agency Approvals:
• UL Approved (No. E108430): UL508
C-UL Approved (No. E108430)
• FIMKO Approved: EN60065, EN60950
 Application
Telecommunications (PC, electronic notepad)
Modem
Telephone equipment
Security equipment
Sensors
Measuring and testing equipment
Factory automation equipment
High speed inspection machines


Số phần tương tự - KAQY212STR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
COSMO Electronics Corp...
KAQY212S COSMO-KAQY212S Datasheet
411Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
KAQY212SE COSMO-KAQY212SE Datasheet
408Kb / 2P
   HIGH VOLTAGE SOLID STATE RELAY MOSFET OUTPUT
KAQY212SETL COSMO-KAQY212SETL Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SETR COSMO-KAQY212SETR Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_11 Datasheet
161Kb / 7P
   PRODUCT SPECIFICATION
More results

Mô tả tương tự - KAQY212STR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
COSMO Electronics Corp...
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com