công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14XXXBCL bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC14XXXBCL
Giải thích chi tiết về linh kiện  Dual 4?밒nput ?쏯AND??Gate 2?밒nput ?쏯OR/OR??Gate 8?밒nput ?쏛ND/NAND??Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCL bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC14XXXBCL Datasheet HTML 1Page - Motorola, Inc MC14XXXBCL Datasheet HTML 2Page - Motorola, Inc MC14XXXBCL Datasheet HTML 3Page - Motorola, Inc MC14XXXBCL Datasheet HTML 4Page - Motorola, Inc MC14XXXBCL Datasheet HTML 5Page - Motorola, Inc MC14XXXBCL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14501UB
2
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 3.6 or 1.4 Vdc)
(VO = 7.2 or 2.8 Vdc)
(VO = 11.5 or 3.5 Vdc)
(VO = 1.4 or 3.6 Vdc) “1” Level
(VO = 2.8 or 7.2 Vdc)
(VO = 3.5 or 11.5 Vdc)
VIL
5.0
10
15
1.5
3.0
3.75
2.25
4.50
6.75
1.5
3.0
3.75
1.4
2.9
3.6
Vdc
(VO = 1.4 or 3.6 Vdc) “1” Level
(VO = 2.8 or 7.2 Vdc)
(VO = 3.5 or 11.5 Vdc)
VIH
5.0
10
15
3.6
7.1
11.4
3.5
7.0
11.25
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
NAND*
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 1.2
– 0.25
– 0.62
– 1.8
– 1.0
– 0.2
– 0.5
– 1.5
– 1.7
– 0.36
– 0.9
– 3.5
– 0.7
– 0.14
– 0.35
– 1.1
mAdc
(VOH = 2.5 Vdc)
NOR
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc
(VOH = 13.5 Vdc)
5.0
5.0
10
15
– 2.1
– 0.42
– 1.06
– 3.1
– 1.75
– 0.35
– 0.88
– 2.63
– 3.0
– 0.63
– 1.58
– 6.12
– 1.22
– 0.24
– 0.62
– 1.84
mAdc
(VOH = 2.5 Vdc)
NOR–
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
Inverter
(VOH = 13.5 Vdc)
5.0
5.0
10
15
– 3.6
– 0.72
– 1.8
– 5.4
– 3.0
– 0.6
– 1.5
– 4.5
– 5.1
– 1.08
– 2.7
– 10.5
– 2.1
– 0.42
– 1.05
– 3.15
mAdc
OH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
NAND*
(VOL = 1.5 Vdc)
(VOL = 0.4 Vdc)
NOR
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
(VOL = 0.4 Vdc)
NOR–
(VOL = 0.5 Vdc)
Inverter
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
OL = 1.5 Vdc)
(VOL = 0.4 Vdc)
NOR
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
(VOL = 0.4 Vdc)
NOR–
(VOL = 0.5 Vdc)
Inverter
(VOL = 1.5 Vdc)
5.0
10
15
0.92
2.34
6.12
0.77
1.95
5.1
1.32
3.37
13.2
0.54
1.36
3.57
mAdc
OL = 1.5 Vdc)
(VOL = 0.4 Vdc)
NOR–
(VOL = 0.5 Vdc)
Inverter
(VOL = 1.5 Vdc)
5.0
10
15
1.54
3.90
10.2
1.28
3.25
8.5
2.2
5.63
22
0.90
2.27
5.95
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.2 µA/kHz) f + IDD
IT = (2.4 µA/kHz) f + IDD
IT = (3.6 µA/kHz) f + IDD
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.004.


Số phần tương tự - MC14XXXBCL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Mô tả tương tự - MC14XXXBCL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
logo
First Silicon Co., Ltd
FC74VHC1G02 FS-FC74VHC1G02 Datasheet
398Kb / 4P
   2?밒nput NOR Gate
logo
Texas Instruments
SN74AHC1G09 TI1-SN74AHC1G09 Datasheet
648Kb / 13P
[Old version datasheet]   SINGLE 2?밒NPUT POSITIVE?밃ND GATE WITH OPEN DRAIN OUTPUT
SN74AHC1G09 TI1-SN74AHC1G09_16 Datasheet
898Kb / 20P
[Old version datasheet]   Single 2?밒nput Positive-AND Gate With Open-Drain Output
logo
Pyramid Semiconductor C...
ML672 PYRAMID-ML672 Datasheet
68Kb / 1P
   Quad 2-Input ?쏯and??Gate
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com