công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14506UB bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC14506UB
Giải thích chi tiết về linh kiện  Dual 2-wide, 2-input Expandable And-Or-Invert Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14506UB bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC14506UB Datasheet HTML 1Page - Motorola, Inc MC14506UB Datasheet HTML 2Page - Motorola, Inc MC14506UB Datasheet HTML 3Page - Motorola, Inc MC14506UB Datasheet HTML 4Page - Motorola, Inc MC14506UB Datasheet HTML 5Page - Motorola, Inc MC14506UB Datasheet HTML 6Page - Motorola, Inc MC14506UB Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14506UB
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Data Propagation Delay Time
tPLH = (1.7 ns/pF) CL + 210 ns
tPLH = (0.66 ns/pF) CL + 77 ns
tPLH = (0.5 ns/pF) CL + 50 ns
tPLH
5.0
10
15
295
110
75
580
225
180
ns
tPHL = (1.7 ns/pF) CL + 185 ns
tPHL = (0.66 ns/pF) CL + 62 ns
tPHL = (0.5 ns/pF) CL + 40 ns
tPHL
5.0
10
15
270
95
65
480
175
140
ns
Expand Propagation Delay Time
tPLH = (1.7 ns/pF) CL + 95 ns
tPLH = (0.66 ns/pF) CL + 42 ns
tPLH = (0.5 ns/pF) CL + 25 ns
tPLH
5.0
10
15
180
75
50
430
160
125
ns
tPHL = (1.7 ns/pF) CL + 115 ns
tPHL = (0.66 ns/pF) CL + 47 ns
tPHL = (0.5 ns/pF) CL + 30 ns
tPHL
5.0
10
15
200
80
55
330
110
90
ns
Inhibit Propagation Delay Time
tPLH = (1.7 ns/pF) CL + 135 ns
tPLH = (0.66 ns/pF) CL + 67 ns
tPLH = (0.5 ns/pF) CL + 40 ns
tPLH
5.0
10
15
220
100
65
500
225
160
ns
tPHL = (1.7 ns/pF) CL + 145 ns
tPHL = (0.66 ns/pF) CL + 62 ns
tPHL = (0.5 ns/pF) CL + 35 ns
tPHL
5.0
10
15
230
95
60
400
175
150
ns
3–State Propagation Delay Time
“1” to High Impedance
tPHZ
5.0
10
15
60
45
35
150
110
90
ns
“0” to High Impedance
tPLZ
5.0
10
15
90
55
40
225
140
100
ns
High Impedance to “1”
tPZH
5.0
10
15
110
50
40
300
125
100
ns
High Impedance to “0”
tPZL
5.0
10
15
170
70
50
425
175
125
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” Is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Typical Voltage Transfer Characteristics
(a) Expand Inputs
(b) Data Inputs
16
14
12
10
8.0
6.0
4.0
2.0
0
16
14
12
10
8.0
6.0
4.0
2.0
0
Vin, INPUT VOLTAGE (Vdc)
a
b
c
c
a
b
a
b
c
VDD = 15 Vdc
10 Vdc
5.0 Vdc
a
b
c
TA = + 125°C
TA = + 25°C
TA = – 55°C
UNUSED INPUTS
CONNECTED TO
VSS
16
14
12
10
8.0
6.0
4.0
2.0
0
16
14
12
10
8.0
6.0
4.0
2.0
0
Vin, INPUT VOLTAGE (Vdc)
a
b
c
TA = + 125°C
TA = + 25°C
TA = – 55°C
A AND B CONNECTED TO Vin
ENABLE INPUT CONNECTED TO
VDD. OTHER INPUTS CONNECTED
TO VSS.
VDD = 15 Vdc
10 Vdc
5.0 Vdc
b
c
a
b
a
c
b
c
a


Số phần tương tự - MC14506UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145003FU MOTOROLA-MC145003FU Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145004 MOTOROLA-MC145004 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
More results

Mô tả tương tự - MC14506UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
   Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
logo
National Semiconductor ...
DM7450 NSC-DM7450 Datasheet
88Kb / 4P
   Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
SN5450 TI1-SN5450_14 Datasheet
317Kb / 9P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
SN5450 TI-SN5450 Datasheet
114Kb / 4P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com