công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X1243S8 bảng dữ liệu(PDF) 1 Page - Xicor Inc.

tên linh kiện X1243S8
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar/Alarm with EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XICOR [Xicor Inc.]
Trang chủ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1243S8 bảng dữ liệu(HTML) 1 Page - Xicor Inc.

  X1243S8 Datasheet HTML 1Page - Xicor Inc. X1243S8 Datasheet HTML 2Page - Xicor Inc. X1243S8 Datasheet HTML 3Page - Xicor Inc. X1243S8 Datasheet HTML 4Page - Xicor Inc. X1243S8 Datasheet HTML 5Page - Xicor Inc. X1243S8 Datasheet HTML 6Page - Xicor Inc. X1243S8 Datasheet HTML 7Page - Xicor Inc. X1243S8 Datasheet HTML 8Page - Xicor Inc. X1243S8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
9900-3003.1 4/1/99
1
Characteristics subject to change without notice
16K
2-WireRTC
Real Time Clock/Calendar/Alarm with EEPROM
FEATURES
• 2 Alarms—Interrupt Output
—Settable on the Second, 10s of Seconds,
Minute, 10s of Minutes, Hour, Day, Month, or
Day of the Week
—Repeat alarm for time base generation
• 2 Wire Interface interoperable with I2C.
—400kHz data transfer rate
• Secondary Power Supply Input with internal
switch-over circuitry.
• Year 2000 Compliant
• 2K bytes of EEPROM
—64 Byte Page Write Mode
—3 bit Block Lock
• Low Power CMOS
—<1
µA Operating Current
—<3mA Active Current during Program
—<400
µA Active Current during Data Read
• Single Byte Write Capability
• Typical Nonvolatile Write Cycle Time: 5ms
• High Reliability
—100,000 Endurance Cycles
—Guaranteed Data Retention: 100 Years
• Small Package Options
—8-Lead SOIC Package, 8L TSSOP Package
DESCRIPTION
The X1243 is a Real Time Clock with clock/calendar
circuits and two alarms. The dual port clock and alarm
registers allow the clock to operate, without loss of
accuracy, even during read and write operations.
The clock/calendar provides functionality that is con-
trollable and readable through a set of registers. The
clock, using a low cost 32.768kHz crystal input, accu-
rately tracks the time in seconds, minutes, hours, date,
day, month and years. It has leap year correction,
automatic adjustment for the year 2000 and months
with less than 31 days.
An alarm match of the RTC sets an interrupt flag and
activates an interrupt pin. An alternative alarm function
provides a pulsed interrupt for long time constant time-
bases.
The device offers a backup power input pin. This
Vback pin allows the device to be backed up by a non-
rechargeable battery. The RTC is fully operational
from 1.8 to 5.5 volts.
The X1243 provides a 2K byte EEPROM array, giving
a safe, secure memory for critical user and configura-
tion data. This memory is unaffected by complete fail-
ure of the main and backup supplies.
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
32.768kHz
Control
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
IRQ
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
(SRAM)
SCL
SDA
Serial
Interface
Decoder
Interrupt Enable
16K
EEPROM
Array
Register
Status
(SRAM)
Alarm
Alarm
X1243


Số phần tương tự - X1243S8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1243S8 INTERSIL-X1243S8 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
X1243S8I INTERSIL-X1243S8I Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results

Mô tả tương tự - X1243S8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com