công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA20-T bảng dữ liệu(PDF) 3 Page - XP Power Limited

tên linh kiện CA20-T
Giải thích chi tiết về linh kiện  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA20-T bảng dữ liệu(HTML) 3 Page - XP Power Limited

  CA20-T Datasheet HTML 1Page - XP Power Limited CA20-T Datasheet HTML 2Page - XP Power Limited CA20-T Datasheet HTML 3Page - XP Power Limited CA20-T Datasheet HTML 4Page - XP Power Limited CA20-T Datasheet HTML 5Page - XP Power Limited CA20-T Datasheet HTML 6Page - XP Power Limited CA20-T Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4745K01
PAGE 3
WWW.XPPOWER.COM
PARAMETER
VALUE
INPUT VOLTAGE
INPUT MODELS: +11.5 TO +15.5v (STANDARD)
5V INPUT MODELS: +4.75 TO +5.25V
STANDBY POWER
<25mW*3
INPUT CAPACITANCE
440uF
PROGRAMMING VOLTAGE
12V INPUT MODELS: 0 TO +5V, <150uA
5V INPUT MODELS: 0 TO +2.048V <150uA
SET POINT ACCURACY*7
1%
GAIN ADJUST*7
1%
LINEARITY*7
<0.5% (15% TO 100% VOUT)
STABILITY
<0.005%/HR*³
VOLTAGE MONITOR*5
12V INPUT MODELS: 0 TO +5V = 0 TO 100% VOUT
5V INPUT MODELS: 0 TO +2.048V = 0 TO 100% VOUT
REFERENCE OUTPUT
12V INPUT MODELS: +5V +/- 1% , UP TO 1 mA
5V INPUT MODELS: +2.048V +/- 1% , UP TO 1 mA
TEMPCO
<25PPM/°C*³
THERMAL SHOCK LIMIT
1°C/10 SEC.
EXTENDED TEMPERATURE RANGES (-T)
OPERATING: -55° TO +70°C*6 (CASE)
STORAGE: -55° TO +95°C
ELECTRICAL SPECIFICATIONS*2 CA02 - CA20 (200V to 2000V)
The CA-T Series of high performance, precision regulated, high volt-
age power supplies offers improved performance and added features.
Improvements in stability and ripple, along with an on board precision
reference, a voltage monitor and increased protection, enable these
modules to replace much larger, more expensive power supplies in
many applications. Each model is programmed from 0 to 100% of rat-
ed output via a DAC compatible high impedance programming input. A
voltage monitor is provided and is internally buffered to provide a low
impedance (up to 1 mA) signal to external circuitry. The precision, on
board reference can be used in conjunction with an external poten-
tiometer or voltage divider to program the high voltage output. Each
unit has an accessible potentiometer allowing for individual calibration
after installation. A quasi-sinewave oscillator, internal transformer shield-
ing, and an isolated steel case reduce EMI/RFI radiation to extremely low
levels. Suitable for photomultiplier tubes, avalanche photodiodes, preci-
sion EO lenses, piezo devices and other applications requiring precision,
low noise, high voltage in a miniature, pc or chassis mount, cost effective
package. A proprietary encapsulation process and custom 94V-0 listed,
high performance formula are used to achieve excellent high voltage and
thermal properties.
Also available with the CA-T Series are the CM Series adapter kits. For
more details, refer to pages 7 and 8.
DETAILED PRODUCT DESCRIPTION
APPLICATION NOTES
Sequencing
As is the case for all active electronics, the user should apply power
prior to control inputs. For the CA-T Series, it is recommended to wait
at least 100msec after input power is applied before sending a voltage
programming command.
Dynamic Response
In cases where the output voltage rises above the voltage programming
command then settles. To mitigate this effect, ramp the voltage program-
ming input at a slower rate until satisfactory results are achieved.
CA-T SERIES


Số phần tương tự - CA20-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XP Power Limited
CA20 XPPOWER-CA20 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Extech Instruments Corp...
CA200 EXTECH-CA200 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
CA200 EXTECH-CA200_15 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
logo
Fuji Electric
CA201 FUJI-CA201 Datasheet
8Kb / 1P
   FAST RECOVERY DIODE
logo
American Accurate Compo...
CA2018N1809 AAC-CA2018N1809 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
More results

Mô tả tương tự - CA20-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com