công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA12-T bảng dữ liệu(PDF) 4 Page - XP Power Limited |
|
CA12-T bảng dữ liệu(HTML) 4 Page - XP Power Limited |
4 / 7 page 4745K01 PAGE 4 WWW.XPPOWER.COM MECHANICAL SPECIFICATIONS CA-T SERIES 1.80 (45.72) 0.20 (5.08) 1.18 MAX INCLUDING HARDWARE (29.97) 1.12 (28.45) 0.51 (12.95) PC PIN 0.040 (1.02) DIA 8 PLACES BOTTOM VIEW GAIN ADJ 1 8 4 6 7 2 3 5 0.21 (5.33) 0.575 (14.61) 1.050 (26.67) 0.250 (6.35) 1.300 (33.02) 0.750 (19.05) 0.750 (19.05) 0.900 (22.86) 0.22 (5.59) 0.36 (9.14) TOP VIEW RECOMMENDED HOLE & PAD SIZE: 0.052 (1.32) & 0.090 (2.29) 8 PLACES 4 8 3 2 1 5 6 7 0.250 (6.35) 0.750 (19.05) 0.22 (5.59) 0.187 (4.75) MIN DIA FOR POT ACCESS RECOMMENDED PCB LAYOUT TOP VIEW 0 PIN # FUNCTION 1 OUTPUT VOLTAGE 2 PROGRAMMING: 0 to +5V 5V Input models: 0 to +2.048V 3 GROUND*1,2 4 VOLTAGE REFERENCE: +5V 5V Input models: +2.048V 5 CASE GROUND*1,2 6 INPUT: +11.5V to 15.5V 5V Input models: +4.75 to +5.25V 7 VOLTAGE MONITOR: 0 to +5V 5V Input models: 0 to +2.048V 8 OUTPUT RETURN*1,2 PARAMETER VALUE WEIGHT 1.4 OZ. (39.6 GRAMS) VOLUME 1.03 CUBIC INCHES (16.84cm3) DIMENSIONS 1.80L (45.72) x 1.12W (28.45) x 0.51H (12.95) CASE MATERIAL ALUMINUM SEALED TO WITHSTAND IMMERSION CLEANING PROCESSES DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS) DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127) |
Số phần tương tự - CA12-T |
|
Mô tả tương tự - CA12-T |