công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14499 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC14499
Giải thích chi tiết về linh kiện  7-Segment LED Display Decoder/Driver with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14499 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC14499 Datasheet HTML 1Page - Motorola, Inc MC14499 Datasheet HTML 2Page - Motorola, Inc MC14499 Datasheet HTML 3Page - Motorola, Inc MC14499 Datasheet HTML 4Page - Motorola, Inc MC14499 Datasheet HTML 5Page - Motorola, Inc MC14499 Datasheet HTML 6Page - Motorola, Inc MC14499 Datasheet HTML 7Page - Motorola, Inc MC14499 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC14499
MOTOROLA
2
MAXIMUM RATINGS* (Voltages referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 7
V
Input Voltage, All Inputs
Vin
– 0.5 to VDD + 0.5
V
Storage Temperature Range
Tstg
– 65 to + 150
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics table
or Circuit Operation section.
ELECTRICAL CHARACTERISTICS (VDD = 4.5 to 6.5 V)
Characteristic
Symbol
0
°C
25
°C
70
°C
Unit
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Serial Port Input Voltage
‘0’ Level
‘1’ Level
VIL
VIH
0.7 x VDD
0.3 x VDD
0.7 x VDD
0.3 x VDD
0.7 x VDD
0.3 x VDD
V
Serial Port Input Current
(Vin = 0 to VDD)
Iin
± 0.1
± 0.1
± 1.0
µA
Oscillator Input Voltage
‘0’ Level
‘1’ Level
VIL
VIH
0.75 x VDD
0.25 x VDD
0.75 x VDD
0.25 x VDD
0.8 x VDD
0.2 x VDD
V
Oscillator Input Current
VOSC = 0
VOSC = VDD
IIL
IIH
100
– 100
30
– 30
80
– 80
10
– 10
µA
Segment Driver Voltage Below VDD
Iout = 50 mA
Iout = 10 mA
∆VOH
1.1
0.8
1.0
0.75
1.1
0.8
V
Segment Driver Off Leakage Vout = 0
IOZ
100
50
100
µA
Digit Drivers
Source (On)
Vout = 0.8 V
Sink (Off)
Vout = 0.5 V
IOH
IOL
6
– 0.2
5.5
– 0.2
4
– 0.1
mA
Supply Current
Vin = 0, Iout = 0,
COSC = 0.015 µF
IDD
1
1
1
mA
Maximum Power Dissipation
PD
500
500
500
mW
SWITCHING CHARACTERISTICS (VDD = 5 V ± 10%, TA = 0 to 70°C)
Characteristic
Figure
No.
Symbol
Min
Max
Unit
Clock High Time
2
tCH
2
µs
Clock Low Time
2
tCL
2
µs
Clock Rise Time
2
tCR
2
µs
Clock Fall Time
2
tCF
2
µs
Enable Lead Time
2
tE LEAD
200
ns
Enable Lag Time
2
tE LAG
200
ns
Data Set–Up Time
2
tD SUP
200
ns
Data Hold Time
2
tD HOLD
1
µs
Scanner Frequency*
4
1/tSCAN
50
300
Hz
OSC/Digit Lead Time
4
tOD
10
µs
OSC/Segment Lead Time
4
tOS
10
µs
Digit Overlap
4
tOV
5
µs
* Scanner Capacitance = 0.022
µF.
This device contains circuitry to protect the
inputs against damage due to high static
voltages or electric fields; however, it is ad-
vised that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high impedance
circuit. For proper operation, it is recom-
mended that Vin and Vout be constrained to
the range VSS ≤ (Vin or Vout) ≤VDD.


Số phần tương tự - MC14499

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490 ONSEMI-MC14490 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DW ONSEMI-MC14490DW Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490DW ONSEMI-MC14490DW Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Mô tả tương tự - MC14499

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U143M TEMIC-U143M Datasheet
70Kb / 4P
   7-Segment Decoder Driver
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
   7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
   7 SEGMENT LED DISPLAY
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Motorola, Inc
SN54LS47 MOTOROLA-SN54LS47 Datasheet
105Kb / 3P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
National Semiconductor ...
DS7880 NSC-DS7880 Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
   BCD TO 7-SEGMENT DECODER / DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com