công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14499 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC14499
Giải thích chi tiết về linh kiện  7-Segment LED Display Decoder/Driver with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14499 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC14499 Datasheet HTML 1Page - Motorola, Inc MC14499 Datasheet HTML 2Page - Motorola, Inc MC14499 Datasheet HTML 3Page - Motorola, Inc MC14499 Datasheet HTML 4Page - Motorola, Inc MC14499 Datasheet HTML 5Page - Motorola, Inc MC14499 Datasheet HTML 6Page - Motorola, Inc MC14499 Datasheet HTML 7Page - Motorola, Inc MC14499 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14499
MOTOROLA
3
CIRCUIT OPERATION
The circuit accepts a 20–bit input, 16 bits for the four–digit
display plus 4 bits for the decimal point — these latter four
bits are optional.
The input sequence is the decimal point code followed by
the four digits, as shown in Figure 1.
In order to enter data the enable input, ENB, must be ac-
tive low. The sample and shift are accomplished on the fal-
ling clock edge, see Figure 2. Data are loaded from the shift
register to the latches when ENB goes high. While the shift
register is being loaded, the previous data are stored in the
latches.
If the decimal point is used, the system requires 20 clock
pulses to load data; otherwise only 16 are required.
CASCADING
The circuit may be cascaded in the following manner.
If a 1111 word is loaded into the decimal point latch, the
output of the shift register is switched to the decimal point
driver, see Figure 3. Therefore, to cascade n four–digit dis-
play drivers, a set–up is used which loads the 1111 cascad-
ing word:
1. ENB = active low.
2. Load 20 bits, the first four bits being 1, with 20 clock
pulses.
3. ENB = high, to load the latch.
4. Repeat steps 1 to 3 (n – 1) times.
5. (n x 20) bits can be loaded into n circuits, with 1111 as
decimal point word to continue the cascading.
SCANNER
The scanner frequency is determined by an on–chip oscil-
lator, which requires an external frequency–determining ca-
pacitor. The capacitor voltage varies between two trigger
levels at the oscillator frequency.
An external oscillator signal can be used, within the recom-
mended operating range of 200 to 800 Hz. For test purposes
this frequency may be increased up to 10 kHz.
A divide by four counter provides four non–overlapping
scanner waveforms corresponding to the four digits — see
Figure 4.
SEGMENT DECODER
The code used in these matrix decoders is shown in Fig-
ure 5.
OUTPUT DRIVERS
There are two different drivers:
• The segment and decimal point drivers; these are NPN
emitter followers with no current limiting devices.
• The digit output buffers; these are short–circuit protected
CMOS devices.
A typical application circuit is shown in Figure 6.
Figure 1. Input Sequence
18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
19
20
3
2
1
TIME
SHIFT
BIT NO.
DIGIT IV
DIGIT III
DIGIT II
DIGIT I
DECIMAL POINT


Số phần tương tự - MC14499

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490 ONSEMI-MC14490 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DW ONSEMI-MC14490DW Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490DW ONSEMI-MC14490DW Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Mô tả tương tự - MC14499

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U143M TEMIC-U143M Datasheet
70Kb / 4P
   7-Segment Decoder Driver
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
   7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
   7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
   7 SEGMENT LED DISPLAY
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Motorola, Inc
SN54LS47 MOTOROLA-SN54LS47 Datasheet
105Kb / 3P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
National Semiconductor ...
DS7880 NSC-DS7880 Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
   BCD TO 7-SEGMENT DECODER / DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com