công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14489P bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC14489P
Giải thích chi tiết về linh kiện  Multi-Character LED Display/Lamp Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14489P bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC14489P Datasheet HTML 1Page - Motorola, Inc MC14489P Datasheet HTML 2Page - Motorola, Inc MC14489P Datasheet HTML 3Page - Motorola, Inc MC14489P Datasheet HTML 4Page - Motorola, Inc MC14489P Datasheet HTML 5Page - Motorola, Inc MC14489P Datasheet HTML 6Page - Motorola, Inc MC14489P Datasheet HTML 7Page - Motorola, Inc MC14489P Datasheet HTML 8Page - Motorola, Inc MC14489P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC14489
MOTOROLA
4
AC ELECTRICAL CHARACTERISTICS (TJ = – 40° to 130°C*, CL = 50 pF, Input tr = tf = 10 ns)
Symbol
Parameter
VDD
V
Guaranteed
Limit
Unit
fclk
Serial Data Clock Frequency, Single Device or Cascaded Devices
NOTE: Refer to Clock tw below
(Figure 1)
3.0
4.5
6.0
dc to 3.0
dc to 4.0
dc to 4.0
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Data Out
(Figures 1 and 5)
3.0
4.5
6.0
140
80
80
ns
tTLH,
tTHL
Maximum Output Transistion Time, Data Out
(Figures 1 and 5)
3.0
4.5
6.0
70
50
50
ns
fR
Refresh Rate — Bank 1 through Bank 5
(Figures 2 and 6)
3.0
4.5
6.0
NA
700 to 1900
700 to 1900
Hz
Cin
Maximum Input Capacitance — Data In, Clock, Enable
10
pF
* See Thermal Considerations section.
TIMING REQUIREMENTS (TJ = – 40° to 130°C*, Input tr = tf = 10 ns unless otherwise indicated)
Symbol
Parameter
VDD
V
Guaranteed
Limit
Unit
tsu, th
Minimum Setup and Hold Times, Data In versus Clock
(Figure 3)
3.0
4.5
6.0
50
40
40
ns
tsu, th,
trec
Minimum Setup, Hold, ** and Recovery Times, Enable versus Clock
(Figure 4)
3.0
4.5
6.0
150
100
100
ns
tw(L)
Minimum Active–Low Pulse Width, Enable
(Figure 4)
3.0
4.5
6.0
4.5
3.4
3.4
µs
tw(H)
Minimum Inactive–High Pulse Width, Enable
(Figure 4)
3.0
4.5
6.0
300
150
150
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
3.0
4.5
6.0
167
125
125
ns
tr, tf
Maximum Input Rise and Fall Times — Data In, Clock, Enable
(Figure 1)
3.0
4.5
6.0
1
1
1
ms
* See Thermal Considerations section.
** For a high–speed 8–Clock access, th for Enable is determined as follows:
VDD = 3 to 4.5 V, fclk > 1.78 MHz: th = 4350 – (7500/fclk)
VDD = 4.5 to 6 V, fclk > 2.34 MHz: th = 3300 – (7500/fclk)
where th is in ns and fclk is in MHz.
NOTES:
1. This restriction does NOT apply for fclk rates less than those listed above. For “slow” fclk rates, use the th limits in the above table.
2. This restriction does NOT apply for an access involving more than 8 Clocks. For > 8 Clocks, use the th limits in the above table.


Số phần tương tự - MC14489P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDW MOTOROLA-MC14489BDW Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDWR2 MOTOROLA-MC14489BDWR2 Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
More results

Mô tả tương tự - MC14489P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
   MuIti-Character lED Display/lamp Driver
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com