công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14489 bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC14489
Giải thích chi tiết về linh kiện  Multi-Character LED Display/Lamp Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14489 bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC14489 Datasheet HTML 6Page - Motorola, Inc MC14489 Datasheet HTML 7Page - Motorola, Inc MC14489 Datasheet HTML 8Page - Motorola, Inc MC14489 Datasheet HTML 9Page - Motorola, Inc MC14489 Datasheet HTML 10Page - Motorola, Inc MC14489 Datasheet HTML 11Page - Motorola, Inc MC14489 Datasheet HTML 12Page - Motorola, Inc MC14489 Datasheet HTML 13Page - Motorola, Inc MC14489 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC14489
MOTOROLA
10
(a) Configuration Registers
C7
C6
C5
C4
C3
C2
C1
C0
1ST BYTE
SHIFTED IN
2ND BYTE
3RD BYTE
4TH BYTE
CONFIGURATION
REGISTER OF
DEVICE 2 IN
FIGURE 11
CONFIGURATION
REGISTER OF
DEVICE 1 IN
FIGURE 11
DON’T CARE
DON’T CARE
(b) Display Registers
Figure 8. Bit Stream Formats for Two Devices Cascaded
D23
D22 D21 D20
D19 D18
D17 D16 D15 D14 D13 D12 D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1ST BYTE
SHIFTED IN
2ND BYTE
3RD BYTE
4TH BYTE
h BITS
AND
DIMMER
BIT
h BITS
AND
DIMMER
BIT
5TH BYTE
BANK
5
NIBBLE
BANK
4
NIBBLE
BANK
3
NIBBLE
BANK
2
NIBBLE
BANK
1
NIBBLE
BANK
5
NIBBLE
BANK
4
NIBBLE
BANK
3
NIBBLE
BANK
2
NIBBLE
BANK
1
NIBBLE
6TH BYTE
DISPLAY REGISTER OF DEVICE 2
IN FIGURE 11
DISPLAY REGISTER OF DEVICE 1
IN FIGURE 11
NOTE: ENABLE (which initially must be inactive high) is kept active–low during the entire 4–byte configuration transfer or 6–byte display
transfer. When ENABLE is brought back high, either a 4– or 6–byte transfer occurs in the cascaded devices, depending on the number
of bytes in the transfer.
Figure 9. a through h Nominal Current per Output versus Rx
35
30
25
20
15
10
5
400
800
1.2 k
2.0 k
2.4 k 2.8 k
3.2 k
3.6 k
4.0 k
1.6 k
5 V SUPPLY
BIT D23 = HIGH (BRIGHTEN LEDs)
WITH D23 = LOW, iOH IS CUT BY ∼50%.
Rx, EXTERNAL RESISTOR (
Ω)
NOTE: Drive current tolerance is approximately
± 15%.


Số phần tương tự - MC14489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDW MOTOROLA-MC14489BDW Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDWR2 MOTOROLA-MC14489BDWR2 Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
More results

Mô tả tương tự - MC14489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
   MuIti-Character lED Display/lamp Driver
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com