công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14489 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC14489
Giải thích chi tiết về linh kiện  Multi-Character LED Display/Lamp Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14489 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC14489 Datasheet HTML 1Page - Motorola, Inc MC14489 Datasheet HTML 2Page - Motorola, Inc MC14489 Datasheet HTML 3Page - Motorola, Inc MC14489 Datasheet HTML 4Page - Motorola, Inc MC14489 Datasheet HTML 5Page - Motorola, Inc MC14489 Datasheet HTML 6Page - Motorola, Inc MC14489 Datasheet HTML 7Page - Motorola, Inc MC14489 Datasheet HTML 8Page - Motorola, Inc MC14489 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MC14489
MOTOROLA
1
Multi-Character
LED Display/Lamp Driver
CMOS
The MC14489 is a flexible light–emitting–diode driver which directly
interfaces to individual lamps, 7–segment displays, or various combinations of
both. LEDs wired with common cathodes are driven in a multiplexed–by–5
fashion. Communication with an MCU/MPU is established through a synchro-
nous serial port. The MC14489 features data retention plus decode and scan
circuitry, thus relieving processor overhead. A single, current–setting resistor is
the only ancillary component required.
A single device can drive any one of the following: a 5–digit display plus
decimals, a 4–1/2–digit display plus decimals and sign, or 25 lamps. A special
technique allows driving 5 1/2 digits; see Figure 16. A configuration register
allows the drive capability to be partitioned off to suit many additional
applications. The on–chip decoder outputs 7–segment–format numerals 0 to 9,
hexadecimal characters A to F, plus 15 letters and symbols.
The MC14489 is compatible with the Motorola SPI and National MICRO-
WIRE
™ serial data ports. The chip’s patented BitGrabber™ registers augment
the serial interface by allowing random access without steering or address bits.
A 24–bit transfer updates the display register. Changing the configuration
register requires an 8–bit transfer.
• Operating Voltage Range of Drive Circuitry: 4.5 to 6 V
• Operating Junction Temperature Range: – 40° to 130°C
• Current Sources Controlled by Single Resistor Provide Anode Drive
• Low–Resistance FET Switches Provide Direct Common Cathode Interface
• Low–Power Mode (Extinguishes the LEDs) and Brightness Controlled via
Serial Port
• Special Circuitry Minimizes EMI when Display is Driven and Eliminates
EMI in Low–Power Mode
• Power–On Reset (POR) Blanks the Display on Power–Up, Independent of
Supply Ramp Up Time
• May Be Used with Double–Heterojunction LEDs for Optimum Efficiency
• Chip Complexity: 4300 Elements (FETs, Resistors, Capacitors, etc.)
• See Application Note AN431, Temperature Measurement and Display
Using the MC68HC05B4 and the MC14489 and Engineering Bulletin
EB153,
Driving a Seven–Segment Display with the NEURON
® CHIP
BitGrabber is a trademark of Motorola Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Order this document
by MC14489/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC14489
P SUFFIX
PLASTIC DIP
CASE 738
DW SUFFIX
SOG PACKAGE
CASE 751D
ORDERING INFORMATION
MC14489P
Plastic DIP
MC14489DW
SOG Package
b
d
VDD
e
f
ENABLE
BANK 1
Rx
a
c
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
BANK 4
BANK 5
DATA OUT
h
g
CLOCK
DATA IN
BANK 2
VSS
BANK 3
20
1
20
1
© Motorola, Inc. 1995
REV 3
10/95


Số phần tương tự - MC14489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDW MOTOROLA-MC14489BDW Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDWR2 MOTOROLA-MC14489BDWR2 Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
More results

Mô tả tương tự - MC14489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
   MuIti-Character lED Display/lamp Driver
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com