công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14489 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC14489
Giải thích chi tiết về linh kiện  Multi-Character LED Display/Lamp Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14489 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC14489 Datasheet HTML 1Page - Motorola, Inc MC14489 Datasheet HTML 2Page - Motorola, Inc MC14489 Datasheet HTML 3Page - Motorola, Inc MC14489 Datasheet HTML 4Page - Motorola, Inc MC14489 Datasheet HTML 5Page - Motorola, Inc MC14489 Datasheet HTML 6Page - Motorola, Inc MC14489 Datasheet HTML 7Page - Motorola, Inc MC14489 Datasheet HTML 8Page - Motorola, Inc MC14489 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC14489
MOTOROLA
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS, TJ = – 40° to 130°C* unless otherwise indicated)
Symbol
Parameter
Test Condition
VDD
V
Guaranteed
Limit
Unit
VDD
Power Supply Voltage Range of LED Drive Circuitry
4.5 to 6.0
V
VDD (stby) Minimum Standby Voltage
Bits Retained in Display and
Configuration Registers, Data
Port Fully Functional
3.0
V
VIL
Maximum Low–Level Input Voltage
(Data In, Clock, Enable)
3.0
6.0
0.9
1.8
V
VIH
Minimum High–Level Input Voltage
(Data In, Clock, Enable)
3.0
6.0
2.1
4.2
V
VHys
Minimum Hysteresis Voltage
(Data In, Clock, Enable)
3.0
6.0
0.2
0.4
V
VOL
Maximum Low–Level Output Voltage
(Data Out)
Iout = 20 µA
3.0
6.0
0.1
0.1
V
Iout = 1.3 mA
4.5
0.4
VOH
Minimum High–Level Output Voltage
(Data Out)
Iout = – 20 µA
3.0
6.0
2.9
5.9
V
Iout = – 800 µA
4.5
4.1
Iin
Maximum Input Leakage Current
(Data In, Clock, Enable)
Vin = VDD or VSS
6.0
± 2.0
µA
(Data In, Clock, Enable)
Vin = VDD or VSS,
TJ = 25°C only
6.0
± 0.1
iOL
Minimum Sinking Current
(a, b, c, d, e, f, g, h)
Vout = 1.0 V
4.5
0.2
mA
iOH
Peak Sourcing Current — See Figure 9 for currents up to
35 mA (a, b, c, d, e, f, g, h)
Rx = 2.0 k
Ω, Vout = 3.0 V,
Dimmer Bit = High
5.0
13 to 17.5
mA
Rx = 2.0 k
Ω, Vout = 3.0 V,
Dimmer Bit = Low
5.0
6 to 9
IOZ
Maximum Output Leakage Current
(Bank 1, Bank 2, Bank 3, Bank 4, Bank 5)
Vout = VDD (FET Leakage)
6.0
50
µA
(Bank 1, Bank 2, Bank 3, Bank 4, Bank 5)
Vout = VDD (FET Leakage),
TJ = 25°C only
6.0
1
Vout = VSS (Protection Diode
Leakage)
6.0
1
Ron
Maximum ON Resistance
(Bank 1, Bank 2, Bank 3, Bank 4, Bank 5)
Iout = 0 to 200 mA
5.0
10
IDD, ISS
Maximum Quiescent Supply Current
Device in Low–Power Mode,
Vin = VSS or VDD, Rx in
Place, Outputs Open
6.0
100
µA
Same as Above, TJ = 25°C
6.0
20
Iss
Maximum RMS Operating Supply Current
(The VSS leg does not contain the Rx current component.
See Pin Descriptions.)
Device NOT in Low–Power
Mode, Vin = VSS or VDD,
Outputs Open
6.0
1.5
mA
* See Thermal Considerations section.


Số phần tương tự - MC14489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDW MOTOROLA-MC14489BDW Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDWR2 MOTOROLA-MC14489BDWR2 Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
More results

Mô tả tương tự - MC14489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
   MuIti-Character lED Display/lamp Driver
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com