công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13175D bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MC13175D
Giải thích chi tiết về linh kiện  UHF FM/AM TRANSMITTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13175D bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MC13175D Datasheet HTML 7Page - Motorola, Inc MC13175D Datasheet HTML 8Page - Motorola, Inc MC13175D Datasheet HTML 9Page - Motorola, Inc MC13175D Datasheet HTML 10Page - Motorola, Inc MC13175D Datasheet HTML 11Page - Motorola, Inc MC13175D Datasheet HTML 12Page - Motorola, Inc MC13175D Datasheet HTML 13Page - Motorola, Inc MC13175D Datasheet HTML 14Page - Motorola, Inc MC13175D Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MC13175 MC13176
11
MOTOROLA RF/IF DEVICE DATA
Figure 18. 320 MHz MC13176D FM Transmitter
NOTES: 1. 50
Ω coaxial balun, 2 inches long.
2. Pins 5, 10 and 15 are grounds and connnected to VEE which is the component’s side ground plane.
These pins must be decoupled to VCC; decoupling capacitors should be placed as close as possible to the pins.
3. RFC1 is 180 nH Coilcraft surface mount inductor or 190 nH Coilcraft 146–05J08.
4. Recommended source is a Coilcraft “slot seven” 7.0 mm tuneable inductor, part #7M3–682.
5. The crystal is a parallel resonant, fundamental mode calibrated with 32 pF load capacitance.
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
146–04J08
0.146
µ
51p
51p
f/32
Crystal
Fundamental
10 MHz
(5)
6.8 (4)
220p
VCC
0.47
µ
27k
VCC
VCC
RFC1 (3)
510p
50
(1)
9
10
11
12
13
14
15
16
RF Output
to Antenna
0.047
µ
1.1k
RF Level Adjust
VCC = 3.8 to
3.3 Vdc
130k
33k
620
9.1k
15k
18k
100k
0.47
µ
1.0k
2N4402
(2)
VEE
Data Input
(1.6 Vp–p)
0.1
µ
5.0k
CW
VCC
SMA
Figure 19. 320 MHz NBFM Transmitter
NOTES: 1. 50
Ω coaxial balun, 2 inches long.
2. Pins 5, 10 and 15 are grounds and connnected to VEE which is the component’s side ground plane. These
pins must be decoupled to VCC; decoupling capacitors should be placed as close as possible to the pins.
3. RFC1 is 180 nH Coilcraft surface mount inductor.
4. RFC2 and RFC3 are high impedance crystal frequency of 10 MHz; 8.2 µH molded inductor gives XL > 1000 Ω..
5. A single varactor like the MV2105 may be used whereby RFC2 is not needed.
6. The crystal is a parallel resonant, fundamental mode calibrated with 32 pF load capacitance.
RF Output
to Antenna
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
146–04J08
0.146
µ
100p
180p
f/32
Crystal
Fundamental
10MHz
(6)
VCC
0.47
µ
27k
VCC
VCC (3.6 Vdc – Lithium Battery)
RFC1
470p
UT–034
(1)
9
10
11
12
13
14
15
16
0.047
µ
1.0k
RF Level Adjust
VCC
130k
33k
6.2k
9.1k
15k
15k
4700p
1.0k
2N4402
(2)
VEE
0.1
µ
5.0k
CW
VCC
External
Loop Amp
10p
RFC2
RFC3
(4)
VCC
1.0k
(5) MMBV432L
0.01
µ
+
10
µ
Audio or
Data Input
SMA
(3)


Số phần tương tự - MC13175D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
MC13175D LANSDALE-MC13175D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Mô tả tương tự - MC13175D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com