công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13175D bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC13175D
Giải thích chi tiết về linh kiện  UHF FM/AM TRANSMITTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13175D bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC13175D Datasheet HTML 5Page - Motorola, Inc MC13175D Datasheet HTML 6Page - Motorola, Inc MC13175D Datasheet HTML 7Page - Motorola, Inc MC13175D Datasheet HTML 8Page - Motorola, Inc MC13175D Datasheet HTML 9Page - Motorola, Inc MC13175D Datasheet HTML 10Page - Motorola, Inc MC13175D Datasheet HTML 11Page - Motorola, Inc MC13175D Datasheet HTML 12Page - Motorola, Inc MC13175D Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MC13175 MC13176
9
MOTOROLA RF/IF DEVICE DATA
For C = 0.47
µ;
then, R1 = t1/C = 33.8  10–3/0.47  10–6 = 72 k
dthus, R2 = t2/C = 0.283  10–3/0.47  10–6 = 0.60 k
In the above example, the following standard value
components are used,
C = 0.47
µ; R2 = 620 and R′1 = 72 k – 53 k ~ 18 k
(R
′1 is defined as R1 – 53 k, the output impedance of the
phase detector.)
Since the output of the phase detector is high impedance
(~50 k) and serves as a current source, and the input to the
frequency control, Pin 6 is low impedance (impedance of the
two diode to ground is approximately 500
Ω), it is imperative
that the second order low pass filter design above be
modified. In order to minimize loading of the R2C shunt
network, a higher impedance must be established to Pin 6. A
simple solution is achieved by adding a low pass network
between the passive second order network and the input to
Pin 6. This helps to minimize the loading effects on the
second order low pass while further suppressing the
sideband spurs of the crystal oscillator. A low pass filter with
R3 = 1.0 k and C2 = 1500 p has a corner frequency (fc) of
106 kHz; the reference sideband spurs are down greater
than – 60 dBc.
Figure 14. Modified Low Pass Loop Filter
Pin 6
1500p
C3
R3
1.0k
VCC
0.47
C
620
R2
R
′1
18k
Pin 7
Hold–In Range
The hold–in range, also called the lock range, tracking
range and synchronization range, is the ability of the CCO
frequency, fo to track the input reference signal, fref • N as it
gradually shifted away from the free running frequency, ff.
Assuming that the CCO is capable of sufficient frequency
deviation and that the internal loop amplifier and filter are not
overdriven, the CCO will track until the phase error,
θe
approaches
±π/2 radians. Figures 5 through 8 are a direct
measurement of the hold–in range (i.e.
∆fref  N = ±∆fH 
2
π). Since sin θe cannot exceed ±1.0, as θe approaches ±π/2
the hold–in range is equal to the DC loop gain, Kv  N.
±∆ωH = ± Kv  N
where, Kv = KpKoKn.
In the above example,
±∆ωH = ± 27.3 Mrad/sec
±∆fH = ± 4.35 MHz
Extended Hold–in Range
The hold–in range of about 3.4% could cause problems
over temperature in cases where the free–running oscillator
drifts more than 2 to 3% because of relatively high
temperature coefficients of the ferrite tuned CCO inductor.
This problem might worsen for lower frequency applications
where the external tuning coil is large compared to internal
capacitance at Pins 1 and 4. To improve hold–in range
performance, it is apparent that the gain factors involved
must be carefully considered.
Kn = is either 1/8 in the MC13175 or 1/32 in the
Kn = MC13176.
Kp = is fixed internally and cannot be altered.
Ko = Figures 9 and 10 suggest that there is capability
Ko = of greater control range with more current swing.
Ko = However, this swing must be symmetrical about
Ko = the center of the dynamic response. The
Ko = suggested zero current operating point for
Ko = ±100 µA swing of the CCO is at about + 70 µA
Ko = offset point.
Ka = External loop amplification will be necessary
Ka = since the phase detector only supplies
± 30 µA.
In the design example in Figure 15, an external resistor
(R5) of 15 k to VCC (3.0 Vdc) provides approximately 100 µA
of current boost to supplement the existing 50
µA internal
source current. R4 (1.0 k) is selected for approximately
0.1 Vdc across it with 100
µA. R1, R2 and R3 are selected to
set the potential at Pin 7 and the base of 2N4402 at
approximately 0.9 Vdc and the emitter at 1.55 Vdc when error
current to Pin 6 is approximately zero
µA. C1 is chosen to
reduce the level of the crystal sidebands.
Figure 15. External Loop Amplifier
68k
Phase
Detector
Output
30
µA
30
µA
R1
1000p
C1
7
R2
33k
2N4402
1.0k
R3
4.7k
R4
R5
VCC = 3.0Vdc
1.6V
15k
50
µA
Oscillator
Control
Circuitry
12
5, 10, 15
6


Số phần tương tự - MC13175D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
MC13175D LANSDALE-MC13175D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Mô tả tương tự - MC13175D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com