công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UA2-24SNEN-L bảng dữ liệu(PDF) 9 Page - Kemet Corporation

tên linh kiện UA2-24SNEN-L
Giải thích chi tiết về linh kiện  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

UA2-24SNEN-L bảng dữ liệu(HTML) 9 Page - Kemet Corporation

Back Button UA2-24SNEN-L Datasheet HTML 5Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 6Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 7Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 8Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 9Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 10Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 11Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 12Page - Kemet Corporation UA2-24SNEN-L Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Maximum Coil Voltage
Maximum value of permissible alteration
Performance Data
Coil Temperature Rise
Temperature is measured by coil resistance
Switching Capacity
Maximum Values
Applied Voltage vs. Timing
(Sample: UA2-5NU)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)


Số phần tương tự - UA2-24SNEN-L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
UA2 NEC-UA2 Datasheet
926Kb / 7P
   Miniature Relays
UA2 NEC-UA2 Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
List of Unclassifed Man...
UA208 ETC2-UA208 Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
UA208A ETC2-UA208A Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
More results

Mô tả tương tự - UA2-24SNEN-L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com