công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74275143 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74275143
Giải thích chi tiết về linh kiện  WE-UKW EMI Suppression 6-Hole Ferrite Bead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74275143 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74275143 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.1
1.0
REV
2014-06-05
2013-11-26
DATE
SSt
SSt
BY
SSt
MHB
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-UKW EMI Suppression 6-Hole Ferrite
Bead
Order.- No.
74275143
SIZE
A4
A Dimensions: [mm]
C Schematic:
D Electrical Properties:
Properties
Impedance @ 25 MHz
Impedance @ 100 MHz
Rated current
Test conditions
25 MHz
100 MHz
ΔT = 40K
Z
Z
IR
Value
920
961
3.0
Unit
Ω
Ω
A
Tol.
±25%
±25%
max.
E General information:
•Curie Temperature: +175°C
•Storage Temperature (on Tape & Reel): -20°C to +40°C
•Operating Temperature: -25°C to +125°C
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 74275143

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7427511 WURTH-7427511 Datasheet
78Kb / 3P
   5-Hole SMD Ferrite Bead WE-SUKW
7427512 WURTH-7427512 Datasheet
1Mb / 6P
   WE-SUKW SMD EMI Suppression 5-Hole Ferrite Bead
74275123 WURTH-74275123 Datasheet
953Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
001.000
More results

Mô tả tương tự - 74275143

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74275043 WURTH-74275043 Datasheet
900Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
005.008
7427503 WURTH-7427503 Datasheet
895Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275243 WURTH-74275243 Datasheet
853Kb / 5P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
74275022 WURTH-74275022 Datasheet
951Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
007.000
7427501 WURTH-7427501 Datasheet
948Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.010
7427504 WURTH-7427504 Datasheet
897Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.010
74275013 WURTH-74275013 Datasheet
900Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.009
74275011 WURTH-74275011 Datasheet
949Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275023 WURTH-74275023 Datasheet
952Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.010
74275123 WURTH-74275123 Datasheet
953Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
001.000
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com