công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13145 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC13145
Giải thích chi tiết về linh kiện  UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13145 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

  MC13145 Datasheet HTML 1Page - Motorola, Inc MC13145 Datasheet HTML 2Page - Motorola, Inc MC13145 Datasheet HTML 3Page - Motorola, Inc MC13145 Datasheet HTML 4Page - Motorola, Inc MC13145 Datasheet HTML 5Page - Motorola, Inc MC13145 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC13145
6
MOTOROLA RF/IF DEVICE DATA
FTA SUFFIX
PLASTIC PACKAGE
CASE 932–02
(LQFP)
ISSUE D
OUTLINE DIMENSIONS
A
A1
–T–
Z
0.200 (0.008) AB T–U
–U–
4X
Z
0.200 (0.008) AC T–U
4X
B
B1
1
12
13
24
25
36
37
48
–Z–
S1
S
V
V1
P
AE
AE
–T–, –U–, –Z–
DETAIL Y
DETAIL Y
BASE METAL
N
J
F
D
S
T–U
M
0.080 (0.003)
Z S
AC
SECTION AE–AE
–AB–
–AC–
AD
G
0.080 (0.003) AC
M
_
TOP & BOTTOM
Q
_
W
K
X
E
C
H
0.250 (0.010)
GAUGE PLANE
R
9
DETAIL AD
DIM
A
MIN
MAX
MIN
MAX
INCHES
7.000 BSC
0.276 BSC
MILLIMETERS
A1
3.500 BSC
0.138 BSC
B
7.000 BSC
0.276 BSC
B1
3.500 BSC
0.138 BSC
C
1.400
1.600
0.055
0.063
D
0.170
0.270
0.007
0.011
E
1.350
1.450
0.053
0.057
F
0.170
0.230
0.007
0.009
G
0.500 BASIC
0.020 BASIC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.500
0.700
0.020
0.028
M
12 REF
12 REF
N
0.090
0.160
0.004
0.006
P
0.250 BASIC
0.010 BASIC
Q
1
5
1
5
R
0.150
0.250
0.006
0.010
S
9.000 BSC
0.354 BSC
S1
4.500 BSC
0.177 BSC
V
9.000 BSC
0.354 BSC
V1
4.500 BSC
0.177 BSC
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DATUM PLANE –AB– IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4 DATUMS –T–, –U–, AND –Z– TO BE DETERMINED
AT DATUM PLANE –AB–.
5 DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE –AC–.
6 DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 (0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –AB–.
7 DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.350 (0.014).
8 MINIMUM SOLDER PLATE THICKNESS SHALL BE
0.0076 (0.0003).
9 EXACT SHAPE OF EACH CORNER IS OPTIONAL.
__
__
__
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
4–32–1 Nishi–Gotanda, Shagawa–ku, Tokyo, Japan. 03–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MC13145/D


Số phần tương tự - MC13145

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC13145FTA LANSDALE-MC13145FTA Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
MC13145FTA LANSDALE-MC13145FTA Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
More results

Mô tả tương tự - MC13145

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com