công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13030 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC13030
Giải thích chi tiết về linh kiện  DUAL CONVERSION AM RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13030 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC13030 Datasheet HTML 1Page - Motorola, Inc MC13030 Datasheet HTML 2Page - Motorola, Inc MC13030 Datasheet HTML 3Page - Motorola, Inc MC13030 Datasheet HTML 4Page - Motorola, Inc MC13030 Datasheet HTML 5Page - Motorola, Inc MC13030 Datasheet HTML 6Page - Motorola, Inc MC13030 Datasheet HTML 7Page - Motorola, Inc MC13030 Datasheet HTML 8Page - Motorola, Inc MC13030 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC13030
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply
VCC
10
V
Operating Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–65 to +150
°C
Junction Temperature
TJ
150
°C
NOTE: ESD data available upon request.
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 8.0 V, unless otherwise noted.)
Characteristic
Condition/Pin
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
7.5
8.0
9.0
V
Power Supply Current
VCC = 8.0 V
ICC
26
32
44
mA
Detector Output Level
Vin = 1.0 mV, 30% Mod.
V13
160
200
240
mVrms
Audio S/N Ratio
Vin = 1.0 mV, 30% Mod.
S/N
48
52
dB
Audio THD
Vin = 1.0 mV, 30% Mod.
V
1 0
V 80% M d
THD
0.3
03
1.0
10
%
Vin = 1.0 mV, 80% Mod.
V
2 0
V 80% M d
0.3
04
1.0
15
Vin = 2.0 mV, 80% Mod.
0.4
1.5
Signal Strength Output
Vin = 0 to 2.0 V
V11
0
5.2
V
VCO Buffer Output
V28
178
224
282
mV
SD Output Level
Vin = 1.0 mV, V11 > V8
V10
2.3
2.7
3.3
Vpp
MIXER1
Input Resistance
1 or 2 to Gnd
10
k
Third Order Intercept Point
1 or 2
IP3
127
dB
µV
Conversion Transconductance
1 or 2 to 24 + 25
gc
2.2
mS
Total Collector Current
24 + 25
IC
4.6
mA
Input IF Rejection
1 or 2
45
dB
MIXER2
Input Resistance
22
2.4
k
Third Order Intercept Point
22
IP3
112
dB
µV
Conversion Transconductance
22 to 20 + 21
gc
4.6
mS
Total Collector Current
20 + 21
IC
3.0
mA
VCO
Minimum Oscillator Coil Parallel Impedance
27 to 26
RP
3.0
k
Buffer Output Level
28
VO
224
mVrms
Stray Capacitance
27
CS
7.0
pF
IF AMPLIFIER
Input Resistance
17
Rin
2.0
k
Transconductance
17 to 15
gm
28
mS
Maximum Input Level
17
Vin
125
mVrms
Minimum Detector Coil Parallel Impedance
17 to 15
RL
15
k
RF Output Level
15, Vin = 1.0 mV
2.0
Vpp
Audio Output Impedance
13
Rout
120
Audio Output Level
13 @ 30% Mod.
Vout
200
mVrms


Số phần tương tự - MC13030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13001XP MOTOROLA-MC13001XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007X MOTOROLA-MC13007X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007XP MOTOROLA-MC13007XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results

Mô tả tương tự - MC13030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
3848 ALLEGRO-3848 Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
logo
Siemens Semiconductor G...
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com