công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13030 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC13030
Giải thích chi tiết về linh kiện  DUAL CONVERSION AM RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13030 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC13030 Datasheet HTML 2Page - Motorola, Inc MC13030 Datasheet HTML 3Page - Motorola, Inc MC13030 Datasheet HTML 4Page - Motorola, Inc MC13030 Datasheet HTML 5Page - Motorola, Inc MC13030 Datasheet HTML 6Page - Motorola, Inc MC13030 Datasheet HTML 7Page - Motorola, Inc MC13030 Datasheet HTML 8Page - Motorola, Inc MC13030 Datasheet HTML 9Page - Motorola, Inc MC13030 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC13030
6
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Pin No.
Internal Equivalent Circuit
Description
1, 2
12
10 k
10 k
3.3 V
6.6 mA
150
150
Mixer1 Input
Pins 1 and 2 are equivalent. In the application circuit, 2 is grounded
with a capacitor and 1 is the input. If a load resistor is needed for the
input filter, it can be placed across Pins 1 and 2. Input impedance for
each pin is 10 k. IP3 (third order intercept) at the input is 20 dBm
(127 dB
µ). To guarantee –50 dB IM3, the input level should not be
greater than 3.5 dBm (103 dB
µ) (150 mVrms).
3
3
RF Ground
This should be connected to the ground used for the RF circuits.
4
4
5
10 k
5.1 V
4.0 V
3.4 k
FET RF AGC Output
This is the AGC for the cascode transistor connected to the RF amplifier
FET. The no–signal voltage is 5.1 V. The voltage decreases with
increasing input signals. A bypass capacitor and electrolytic capacitor
must be added to filter out RF signals on the transistor and audio signals
in the AGC signal. See Figures 4 and 5.
5
5
100
22 k
VCC
330
RF AGC2 Output
The voltage on this pin starts at 0 and increases with increasing input
signals. It is normally used to turn on diodes or a transistor connected
across the antenna input and is AGC delayed until Pin 6 reaches 2.7 V.
If the voltage on Pin 5 decreases below 2.0 V, the voltage on this pin will
decrease from 3.1 down to about 1.5 V. The maximum output current is
about 850
µA.
6
6
330
AGC
1.0 k
39 k
3.3 k
RF AGC Adjust
An electrolytic capacitor of 1.0
µF must be connected to prevent audio
modulation of the AGC circuits. If there is no resistor on this pin, the RF
AGC starts at an input level to Mixer1
≈ 40 mVrms or Mixer2 ≈ 2.0 mVrms.
Connecting a resistor from Pin 6 to ground increases RF levels required
for AGC to start. It should be used to set the desired AGC level of Mixer2.
If a resistor is not connected to Pin 6, unwanted RF signals will cause the
AGC to start at a very low level, and desired signals may be suppressed.
7
7
500
1.5 k
Mixer1 RF Level Adjust
A resistor from Pin 7 to ground will increase the gain of an amplifier from
the input of Mixer1 to the AGC circuit. It can be used to set the RF AGC
level of Mixer1. The minimum value of R7 is about 680
Ω.
8
8
510
3.3 k
SD
S
Station Detector Signal Level Adjust
A voltage on Pin 8 will set the desired signal strength at which the SD IF
Out on Pin 10 appears. The other input to this comparator is the S (signal
strength) signal. If Pin 8 is grounded, a square wave of the 2nd IF (usually
450 of 455 kHz) is present with very small input levels. This output could
also be used to drive an FM detector if desired.
9
9
IF Ground
Pin 9 is the ground for the IF section.


Số phần tương tự - MC13030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13001XP MOTOROLA-MC13001XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007X MOTOROLA-MC13007X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007XP MOTOROLA-MC13007XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results

Mô tả tương tự - MC13030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
3848 ALLEGRO-3848 Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
logo
Siemens Semiconductor G...
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com