công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12206 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC12206
Giải thích chi tiết về linh kiện  MECL PLL COMPONENTS Serial Input PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12206 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC12206 Datasheet HTML 1Page - Motorola, Inc MC12206 Datasheet HTML 2Page - Motorola, Inc MC12206 Datasheet HTML 3Page - Motorola, Inc MC12206 Datasheet HTML 4Page - Motorola, Inc MC12206 Datasheet HTML 5Page - Motorola, Inc MC12206 Datasheet HTML 6Page - Motorola, Inc MC12206 Datasheet HTML 7Page - Motorola, Inc MC12206 Datasheet HTML 8Page - Motorola, Inc MC12206 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 3
© Motorola, Inc. 1997
1/97
Serial Input PLL Frequency
Synthesizer
The MC12206 is a 2.0GHz Bipolar monolithic serial input phase locked
loop (PLL) synthesizer with pulse–swallow function. It is designed to
provide the high frequency local oscillator signal of an RF transceiver in
handheld communication applications.
Motorola’s advanced Bipolar MOSAIC
™ V technology is utilized for
low power operation at a minimum supply voltage of 2.7V. The device is
designed for operation over 2.7 to 5.5V supply range for input frequencies
up to 2.0GHz with a typical current drain of 7.4mA. The low power
consumption makes the MC12206 ideal for handheld battery operated
applications such as cellular or cordless telephones, wireless LAN or
personal communication services. A dual modulus prescaler is integrated
to provide either a 64/65 or 128/129 divide ratio.
For additional applications information, two
InterActiveApNote
documents containing software (based on a Microsoft Excel
spreadsheet) and an Application Note are available. Please order
DK305/D and DK306/D from the Motorola Literature Distribution Center.
Low Power Supply Current of 6.7mA Typical for ICC and 0.7mA Typical
for IP
Supply Voltage of 2.7 to 5.5V
Dual Modulus Prescaler With Selectable Divide Ratios of 64/65 or
128/129
On–Chip Reference Oscillator/Buffer
Programmable Reference Divider Consisting of a Binary 14–Bit
Programmable Reference Counter
Programmable Divider Consisting of a Binary 7–Bit Swallow Counter
and an 11–Bit Programmable Counter
Phase/Frequency Detector With Phase Conversion Function
Balanced Charge Pump Outputs
Dual Internal Charge Pumps for Bypassing the First Stage of the Loop
Filter to Decrease Lock Time
Outputs for External Charge Pump
Operating Temperature Range of –40°C to +85°C
Space Efficient Plastic Surface Mount SOIC or TSSOP Packages
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage, Pin 4 (Pin 5 in 20–lead package)
–0.5 to +6.0
VDC
VP
Power Supply Voltage, Pin 3 (Pin 4 in 20–lead package)
VCC to +6.0
VDC
Tstg
Storage Temperature Range
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
MOSAIC V, Mfax and
InterActiveApNote are trademarks of Motorola, Inc.
MC12206
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751B–05
1
16
MECL PLL COMPONENTS
Serial Input PLL
Frequency Synthesizer
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948E–03
1
20


Số phần tương tự - MC12206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
More results

Mô tả tương tự - MC12206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML12202 LANSDALE-ML12202 Datasheet
3Mb / 11P
   MECL PLL Components Serial Input PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com