công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12206 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC12206
Giải thích chi tiết về linh kiện  MECL PLL COMPONENTS Serial Input PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12206 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC12206 Datasheet HTML 4Page - Motorola, Inc MC12206 Datasheet HTML 5Page - Motorola, Inc MC12206 Datasheet HTML 6Page - Motorola, Inc MC12206 Datasheet HTML 7Page - Motorola, Inc MC12206 Datasheet HTML 8Page - Motorola, Inc MC12206 Datasheet HTML 9Page - Motorola, Inc MC12206 Datasheet HTML 10Page - Motorola, Inc MC12206 Datasheet HTML 11Page - Motorola, Inc MC12206 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC12206
MOTOROLA
HIPERCOMM
BR1334 — Rev 4
8
Figure 6. Detailed Phase Comparator Block Diagram
PHASE
FREQUENCY
DETECTOR
R
V
UP
DOWN
PHASE COMPARATOR
1
0
1
0
CHARGE
PUMP 1
Do
CHARGE
PUMP 2
BISW
LD
φR
φP
fr
fp
FC
LE
LOCK DETECT
The Lock Detect (LD) output pin provides a LOW pulse when fr and fp are not equal in phase or frequency. The output is normally
HIGH. LD is designed to be the logical NORing of the phase frequency detector’s outputs UP and DOWN. See Figure 6. In typical
applications the output signal drives external circuitry which provides a steady LOW signal when the loop is locked. See Figure 9.
OSCILLATOR INPUT
For best operation, an external reference oscillator is recommended. The signal should be AC–coupled to the OSCin pin through
a coupling capacitor. In this case, no connection to OSCout is required. The magnitude of the AC–coupled signal must be
between 500 and 2200 mV peak–to–peak. To optimize the phase noise of the PLL when used in this mode, the input signal
amplitude should be closer to the upper specification limit. This maximizes the slew rate of the signal as it switches against the
internal voltage reference.
The device incorporates an on–chip reference oscillator/buffer so that an external parallel–resonant fundamental crystal can be
connected between OSCin and OSCout. External capacitor C1 and C2 as shown in Figure 10 are required to set the proper
crystal load capacitance and oscillator frequency. The values of the capacitors are dependent on the crystal chosen (up to a
maximum of 30 pF each including parasitic and stray capacitance).
DUAL INTERNAL CHARGE PUMPS (“ANALOG SWITCH”)
Due to the pure Bipolar nature of the MC12206 design, the “analog switch” function is implemented with dual internal charge
pumps. The loop filter time constant can be decreased by bypassing the first stage of the loop filter with the charge pump output
BISW as shown in Figure 7 below. This enables the VCO to lock in a shorter amount of time.
When LE is HIGH or OPEN (“analog switch is ON”), the output of the second internal charge pump is connected to the BISW pin,
and the Do output is ON. The charge pump 2 output on BISW is essentially equal to the charge pump 1 output on Do. When LE is
LOW, BISW is in a high impedance state and Do output is active.
Figure 7. “Analog Switch” Block Diagram
CHARGE
PUMP 1
Do
CHARGE
PUMP 2
BISW
LE
LPF–1
LPF–2
VCO


Số phần tương tự - MC12206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
More results

Mô tả tương tự - MC12206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML12202 LANSDALE-ML12202 Datasheet
3Mb / 11P
   MECL PLL Components Serial Input PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com