công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12075 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC12075
Giải thích chi tiết về linh kiện  MECL PLL COMPONENTS 첨64 PRESCALER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12075 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC12075 Datasheet HTML 1Page - Motorola, Inc MC12075 Datasheet HTML 2Page - Motorola, Inc MC12075 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
1
5/95
REV 0
1.3GHz Prescaler
The MC12075 is a divide by 64 prescaler. Typical frequency synthesis
applications include elctronically tuned TV/CATV and communication
systems as well as instrumentation.
An internal preamplifier is included which isolates the differential inputs
and provides gain for the input signal. Differential PECL outputs are
provided.
The MC12075 is pin and functionally compatible with the Plessey
SP4633.
1.3GHz Toggle Frequency
Operating Supply Voltage of 4.5 to 5.5V
Low–Power 36mA Typical at VCC = 5.0V
Operating Temperature Range of 0°C to +85°C
High Input Sensitivity
800mV Minimum Peak–to–Peak Output Swing
Differential PECL Outputs
DESIGN GUIDE
Criteria
Value
Unit
Internal Gate Count*
62
ea
Internal Gate Propagation Delay
250
ps
Internal Gate Power Dissipation
10
mW
Speed Power Product
2.5
pJ
* Equivalent to a two–input NAND gate
MAXIMUM RATINGS
Symbol
Characteristic
Range
Unit
VCC
Power Supply Voltage
7.0
Vdc
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
–65 to +175
°C
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5V; TA = 0 to +85°C)
Symbol
Characteristic
Min
Typ*
Max
Unit
fmax1
fmin
Toggle Frequency
(Sine Wave Input)
1.3
1.6
70
GHz
MHz
ICC
Supply Current at 5.5V
36
50
mA
Vout
Output Voltage
(Load =10pF)
0.8
1.2
VPP
Vin min
Input Voltage
70MHz
Sensitivity 150–1100MHz
1.2GHz
1.3GHz
10
1.0
1.5
3.0
20
4.0
15
20
mVrms
Vin max
Input
70–1300MHz
Overload
400
mVrms
* Typical measured at +25
°C, 5.0V
1. See Figure 1
MECL PLL COMPONENTS
÷64
PRESCALER
MC12075
Pinout: 8–Lead Plastic (Top View)
8
1
VCC
NC
7
2
6
3
5
4
NC
GND
Output
Input
P SUFFIX
8–LEAD PLASTIC PACKAGE
CASE 626–05
D SUFFIX
8–LEAD PLASTIC SOIC PACKAGE
CASE 751–05


Số phần tương tự - MC12075

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12078 MOTOROLA-MC12078 Datasheet
85Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
logo
Texas Instruments
MC12079 TI-MC12079 Datasheet
77Kb / 4P
[Old version datasheet]   MECL PLL COMPONENTS /64/128/256 PRESCALER
MC12079D TI-MC12079D Datasheet
77Kb / 4P
[Old version datasheet]   MECL PLL COMPONENTS /64/128/256 PRESCALER
More results

Mô tả tương tự - MC12075

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12089 MOTOROLA-MC12089 Datasheet
74Kb / 4P
   MECL PLL COMPONENTS 첨64/128 PRESCALER
MC12066 MOTOROLA-MC12066 Datasheet
142Kb / 4P
   MECL PLL COMPONENTS 첨64/256 PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079 Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
logo
Motorola, Inc
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12078 MOTOROLA-MC12078 Datasheet
85Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com