công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST62E80B bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện ST62E80B
Giải thích chi tiết về linh kiện  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E80B bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button ST62E80B Datasheet HTML 7Page - STMicroelectronics ST62E80B Datasheet HTML 8Page - STMicroelectronics ST62E80B Datasheet HTML 9Page - STMicroelectronics ST62E80B Datasheet HTML 10Page - STMicroelectronics ST62E80B Datasheet HTML 11Page - STMicroelectronics ST62E80B Datasheet HTML 12Page - STMicroelectronics ST62E80B Datasheet HTML 13Page - STMicroelectronics ST62E80B Datasheet HTML 14Page - STMicroelectronics ST62E80B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
11/78
ST62T80B/E80B
MEMORY MAP (Cont’d)
1.3.5 Data Window Register (DWR)
The Data read-only memory window is located from
address 0040h to address 007Fh in Data space. It
allows direct reading of 64 consecutive bytes locat-
ed anywhere in program memory, between ad-
dress 0000h and 1FFFh (top memory address de-
pends on the specific device). All the program
memory can therefore be used to store either in-
structions or read-only data. Indeed, the window
can be moved in steps of 64 bytes along the pro-
gram memory by writing the appropriate code in the
Data Window Register (DWR).
The DWR can be addressed like any RAM location
in the Data Space, it is however a write-only regis-
ter and therefore cannot be accessed using single-
bit operations. This register is used to position the
64-byte read-only data window (from address 40h
to address 7Fh of the Data space) in program
memory in 64-byte steps. The effective address of
the byte to be read as data in program memory is
obtained by concatenating the 6 least significant
bits of the register address given in the instruction
(as least significant bits) and the content of the
DWR register (as most significant bits), as illustrat-
ed in Figure 5 below. For instance, when address-
ing location 0040h of the Data Space, with 0 load-
ed in the DWR register, the physical location ad-
dressed in program memory is 00h. The DWR reg-
ister is not cleared on reset, therefore it must be
written to prior to the first access to the Data read-
only memory window area.
Data Window Register (DWR)
Address: 0C9h
Write Only
Bits 6, 7 = Not used.
Bit 5-0 = DWR5-DWR0: Data read-only memory
Window Register Bits. These are the Data read-
only memory Window bits that correspond to the
upper bits of the data read-only memory space.
Caution: This register is undefined on reset. Nei-
ther read nor single bit instructions may be used to
address this register.
Note: Care is required when handling the DWR
register as it is write only. For this reason, the
DWR contents should not be changed while exe-
cuting an interrupt service routine, as the service
routine cannot save and then restore the register’s
previous contents. If it is impossible to avoid writ-
ing to the DWR during the interrupt service routine,
an image of the register must be saved in a RAM
location, and each time the program writes to the
DWR, it must also write to the image register. The
image register must be written first so that, if an in-
terrupt occurs between the two instructions, the
DWR is not affected.
Figure 5. Data read-only memory Window Memory Addressing
70
-
-
DWR5 DWR4 DWR3 DWR2 DWR1 DWR0
DATA ROM
WINDOW REGISTER
CONTENTS
DATA SPACE ADDRESS
40h-7Fh
IN INSTRUCTION
PROGRAM SPACE ADDRESS
765432
0
543
210
543
210
READ
1
6
7
8
9
10
11
0
1
VR0A1573
12
1
0
DATA SPACE ADDRESS
59h
0
0
0
0
0
1
00
1
1
1
Example:
(DWR)
DWR=28h
11
00
00
0
0
00
1
ROM
ADDRESS:A19h
11
13
01
1057


Số phần tương tự - ST62E80B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST62E80B STMICROELECTRONICS-ST62E80B Datasheet
488Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62E80B STMICROELECTRONICS-ST62E80B Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
ST62E80BG1 STMICROELECTRONICS-ST62E80BG1 Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
More results

Mô tả tương tự - ST62E80B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST62T40B STMICROELECTRONICS-ST62T40B Datasheet
445Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T80B STMICROELECTRONICS-ST62T80B_07 Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
ST6240B STMICROELECTRONICS-ST6240B Datasheet
1Mb / 76P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T42B STMICROELECTRONICS-ST62T42B Datasheet
410Kb / 68P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T46B STMICROELECTRONICS-ST62T46B Datasheet
455Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
September 1998 Rev. 2.5
ST62T45B STMICROELECTRONICS-ST62T45B Datasheet
514Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
March 1998 Rev. 2.3
ST62T80B STMICROELECTRONICS-ST62T80B Datasheet
488Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B Datasheet
461Kb / 76P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B_01 Datasheet
874Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com