công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1581D25 bảng dữ liệu(PDF) 8 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện GS1581D25
Giải thích chi tiết về linh kiện  5-Terminal Dual Input Dropout Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GS1581D25 bảng dữ liệu(HTML) 8 Page - SeCoS Halbleitertechnologie GmbH

  GS1581D25 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
S5JGS1581D / S5JGS1581D-25
5-Terminal
Dual Input Dropout Regulators
Elektronische Bauelemente
20-Dec-2011 Rev. A
Page 8 of 8
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
PROTECTION DIODES
In normal operation S5JGS1581D family does not need any protection diodes between the adjustment pin
and the output to the input to prevent die overstresses. Internal resistors are limiting the internal current paths on
the ADJ pin. Therefore even with bypass capacitors on the adjust pin no protection diode is needed to ensure
device safety under short-circuit conditions. S5JGS1581D The adjust pin can be driver on a transient basis ±7V
with respect to the output with out any device degradation. A protection diode between the VOUT pin and VPOWER
pin is not usually needed. Microsecond surge currents of 50A ~ 100A can be handled by the internal diode
between the Output pin and VPOWER pin of the device. In normal operations it is difficult to get those values of
surge currents even with the use of large output capacitance. Only with high value output capacitors, such as
1000µF ~ 5000µF and the VPOWER pin are instantaneously shorted to ground, damage can occur. A diode from
output to input is recommended (Figure5).
If S5JGS1581D is connected as a single supply device with the control and power input pins shorted
together the internal diode between the output and the power input pin will protect the control input pin.


Số phần tương tự - GS1581D25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
More results

Mô tả tương tự - GS1581D25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
S5JGS1581D SECOS-S5JGS1581D_15 Datasheet
942Kb / 8P
   Dual Input Dropout Regulators
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658 Datasheet
111Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
logo
Texas Instruments
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
logo
Global Mixed-mode Techn...
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com